Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F6014 Fiches technique(PDF) 67 Page - Microchip Technology

No de pièce DSPIC30F6014
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6014 Fiches technique(HTML) 67 Page - Microchip Technology

Back Button DSPIC30F6014 Datasheet HTML 63Page - Microchip Technology DSPIC30F6014 Datasheet HTML 64Page - Microchip Technology DSPIC30F6014 Datasheet HTML 65Page - Microchip Technology DSPIC30F6014 Datasheet HTML 66Page - Microchip Technology DSPIC30F6014 Datasheet HTML 67Page - Microchip Technology DSPIC30F6014 Datasheet HTML 68Page - Microchip Technology DSPIC30F6014 Datasheet HTML 69Page - Microchip Technology DSPIC30F6014 Datasheet HTML 70Page - Microchip Technology DSPIC30F6014 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 228 page
background image
TABLE 8-1:
PORTA REGISTER MAP FOR dsPIC30F6013/6014
TABLE 8-2:
PORTB REGISTER MAP FOR dsPIC30F6011/6012/6013/6014
TABLE 8-3:
PORTC REGISTER MAP FOR dsPIC30F6011/6012
TABLE 8-4:
PORTC REGISTER MAP FOR dsPIC30F6013/6014
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISA
02C0
TRISA15 TRISA14 TRISA13 TRISA12
—
TRISA10
TRISA9
—
TRISA7
TRISA6
—
—
—
—
—
—
1111 0110 1100 0000
PORTA
02C2
RA15
RA14
RA13
RA12
—
RA10
RA9
—RA7
RA6
—
—
—
—
—
—
0000 0000 0000 0000
LATA
02C4
LATA15
LATA14
LATA13
LATA12
—
LATA10
LATA9
—LATA7
LATA6
—
—
—
—
—
—
0000 0000 0000 0000
Note
1: PORTA is not implemented in the dsPIC30F6011/6012 devices.
2: Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISB
02C6
TRISB15 TRISB14 TRISB13 TRISB12 TRISB11
TRISB10
TRISB9
TRISB8
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2 TRISB1 TRISB0
1111 1111 1111 1111
PORTB
02C8
RB15
RB14
RB13
RB12
RB11
RB10
RB9
RB8
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
0000 0000 0000 0000
LATB
02CB
LATB15
LATB14
LATB13
LATB12
LATB11
LATB10
LATB9
LATB8
LATB7
LATB6
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
0000 0000 0000 0000
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISC
02CC
TRISC15
TRISC14
TRISC13
—
—
—
—
—
—
—
—
—
—
TRISC2
TRISC1
—
1110 0000 0000 0110
PORTC
02CE
RC15
RC14
RC13
—
—
—
—
—
—
—
—
—
—
RC2
RC1
—
0000 0000 0000 0000
LATC
02D0
LATC15
LATC14
LATC13
—
—
—
—
—
—
—
—
—
—LATC2
LATC1
—
0000 0000 0000 0000
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISC
02CC
TRISC15
TRISC14
TRISC13
—
—
—
—
—
—
—
—
TRISC4
TRISC3
TRISC2
TRISC1
—
1110 0000 0001 1110
PORTC
02CE
RC15
RC14
RC13
—
—
—
—
—
—
—
—
RC4
RC3
RC2
RC1
—
0000 0000 0000 0000
LATC
02D0
LATC15
LATC14
LATC13
—
—
—
—
—
—
—
—
LATC4
LATC3
LATC2
LATC1
—
0000 0000 0000 0000
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More