Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADuC7023BCBZ62I-R7 Fiches technique(PDF) 58 Page - Analog Devices

No de pièce ADuC7023BCBZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCBZ62I-R7 Fiches technique(HTML) 58 Page - Analog Devices

Back Button ADuC7023BCBZ62I-R7 Datasheet HTML 54Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 55Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 56Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 57Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 58Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 59Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 60Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 61Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 96 page
background image
ADuC7023
Data Sheet
| Page 58 of 96
Bit
Name
Description
1
SPIMEN
Master mode enable bit.
This bit is set by the user to enable master mode.
This bit is cleared by the user to enable slave mode.
0
SPIEN
SPI enable bit.
This bit is set by the user to enable the SPI.
This bit is cleared by the user to disable the SPI.
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96