Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADuC7023BCPZ62I-R7 Fiches technique(PDF) 75 Page - Analog Devices

No de pièce ADuC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCPZ62I-R7 Fiches technique(HTML) 75 Page - Analog Devices

Back Button ADuC7023BCPZ62I-R7 Datasheet HTML 71Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 72Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 73Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 74Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 75Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 76Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 77Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 78Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
Data Sheet
ADuC7023
| Page 75 of 96
PWM2COM0 Compare Register
Name:
PWM2COM0
Address:
0xFFFF0FA4
Default value:
0x0000
Access:
Read/write
Function:
PWM4 output pin goes high when the PWM
timer reaches the count value stored in this
register.
PWM2COM1 Compare Register
Name:
PWM2COM1
Address:
0xFFFF0FA8
Default value:
0x0000
Access:
Read/write
Function:
PWM4 output pin goes low when the PWM
timer reaches the count value stored in this
register.
PWMCLRI Register
Name:
PWMCLRI
Address:
0xFFFF0FB8
Default value:
0x0000
Access:
Write
Function:
Write any value to this register to clear a PWM
interrupt source. This register must be written
to before exiting a PWM interrupt service
routine; otherwise, multiple interrupts occur.
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96