Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADuC7023BCPZ62I-R7 Fiches technique(PDF) 56 Page - Analog Devices

No de pièce ADuC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCPZ62I-R7 Fiches technique(HTML) 56 Page - Analog Devices

Back Button ADuC7023BCPZ62I-R7 Datasheet HTML 52Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 53Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 54Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 55Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 56Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 57Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 58Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 59Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
ADuC7023
Data Sheet
| Page 56 of 96
SPIDIV Register
Name:
SPIDIV
Address:
0xFFFF0A0C
Default value: 0x00
Access:
Read/write
Function:
This 6-bit MMR is the SPI baud rate selection
register. (Note that the maximum value of this
MMR is 0x3F.)
SPI Control Register
Name:
SPICON
Address:
0xFFFF0A10
Default value: 0x0000
Access:
Read/write
Function:
This 16-bit MMR configures the SPI peripheral
in both master and slave modes.
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96