| Moteur de recherche de fiches techniques de composants électroniques |
|
AM3703CUS Fiches technique(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3703CUS Fiches technique(HTML) 27 Page - Texas Instruments |
|
27 / 280 page ![]() AM3715, AM3703 www.ti.com SPRS616F – JUNE 2010 – REVISED AUGUST 2011 Table 2-1. Ball Characteristics (CBP Pkg.)(3) (continued) BALL BALL BALL RESET BUFFER PULLUP BALL TOP RESET IO CELL BOTTOM PIN NAME [2] MODE [3] TYPE [4] RESET REL. MODE POWER [8] HYS [9] STRENGTH /DOWN [1] REL. [12] [1] STATE [5] [7] (mA) [10] TYPE [11] STATE [6] N3 AC18 gpmc_a7 0 O H H 7 vdds_mem Yes 8 PU/ PD LVCMOS gpio_40 4 IO safe_mode 7 M3 AB18 gpmc_a8 0 O H H 7 vdds_mem Yes 8 PU/ PD LVCMOS gpio_41 4 IO safe_mode 7 L3 AC19 gpmc_a9 0 O H H 7 vdds_mem Yes 8 PU/ PD LVCMOS sys_ndmareq2 1 I gpio_42 4 IO safe_mode 7 K3 AB19 gpmc_a10 0 O H H 7 vdds_mem Yes 8 PU/ PD LVCMOS sys_ndmareq3 1 I gpio_43 4 IO safe_mode 7 NA AC20 gpmc_a11 0 O L L 7 vdds_mem Yes 8 PU/ PD LVCMOS safe_mode 7 K1 M2 gpmc_d0 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS L1 M1 gpmc_d1 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS L2 N2 gpmc_d2 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS P2 N1 gpmc_d3 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS T1 R2 gpmc_d4 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS V1 R1 gpmc_d5 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS V2 T2 gpmc_d6 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS W2 T1 gpmc_d7 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS H2 AB3 gpmc_d8 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_44 4 IO safe_mode 7 K2 AC3 gpmc_d9 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_45 4 IO safe_mode 7 P1 AB4 gpmc_d10 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_46 4 IO safe_mode 7 R1 AC4 gpmc_d11 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_47 4 IO safe_mode 7 R2 AB6 gpmc_d12 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_48 4 IO safe_mode 7 T2 AC6 gpmc_d13 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_49 4 IO safe_mode 7 W1 AB7 gpmc_d14 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_50 4 IO safe_mode 7 Y1 AC7 gpmc_d15 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_51 4 IO safe_mode 7 G4 Y2 gpmc_ncs0 0 O 1 1 0 vdds_mem NA 8 NA LVCMOS H3 Y1 gpmc_ncs1 0 O H 1 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_52 4 IO safe_mode 7 Copyright © 2010–2011, Texas Instruments Incorporated TERMINAL DESCRIPTION 27 Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |