Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3703CUS Fiches technique(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM3703CUS
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM3703CUS Fiches technique(HTML) 54 Page - Texas Instruments

Back Button AM3703CUS Datasheet HTML 50Page - Texas Instruments AM3703CUS Datasheet HTML 51Page - Texas Instruments AM3703CUS Datasheet HTML 52Page - Texas Instruments AM3703CUS Datasheet HTML 53Page - Texas Instruments AM3703CUS Datasheet HTML 54Page - Texas Instruments AM3703CUS Datasheet HTML 55Page - Texas Instruments AM3703CUS Datasheet HTML 56Page - Texas Instruments AM3703CUS Datasheet HTML 57Page - Texas Instruments AM3703CUS Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 2-2. Ball Characteristics (CBC Pkg.)(5) (continued)
BALL
BALL TOP
PIN NAME [2]
MODE [3]
TYPE [4]
BALL
BALL RESET RESET
POWER [8] HYS [9]
BUFFER
PULLUP
IO CELL
BOTTOM
[1]
RESET
REL. STATE
REL. MODE
STRENGTH /DOWN
[12]
[1]
STATE [5]
[6]
[7]
(mA) [10]
TYPE [11]
mcbsp3_dx
1
IO
gpt_9_pwm_evt
2
IO
gpio_144
4
IO
safe_mode
7
-
AA24
NA
uart2_rts
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp3_dr
1
I
gpt_10_pwm_evt
2
IO
gpio_145
4
IO
safe_mode
7
-
AD21
NA
uart2_rx
0
I
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp3_fsx
1
IO
gpt_8_pwm_evt
2
IO
gpio_147
4
IO
safe_mode
7
-
AD22
NA
uart2_tx
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp3_clkx
1
IO
gpt_11_pwm_evt
2
IO
gpio_146
4
IO
safe_mode
7
-
F23
NA
uart3_cts_rctx
0
IO
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_163
4
IO
safe_mode
7
-
F24
NA
uart3_rts_sd
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_164
4
IO
safe_mode
7
-
H24
NA
uart3_rx_irrx
0
I
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_165
4
IO
safe_mode
7
-
G24
NA
uart3_tx_irtx
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_166
4
IO
safe_mode
7
-
J23
NA
hdq_sio
0
IOD
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
Open Drain
sys_altclk
1
I
i2c2_sccbe
2
OD
i2c3_sccbe
3
OD
gpio_170
4
IO
safe_mode
7
-
AD15
NA
i2c4_scl
0
OD
H
H
0
vdds
Yes
3
PU/ PD
(9) (10) LVCMOS
Open Drain
sys_nvmode1
1
O
4
safe_mode
7
-
4
W16
NA
i2c4_sda
0
IOD
H
H
0
vdds
Yes
3
PU/ PD
(9) (10) LVCMOS
Open Drain
sys_nvmode2
1
O
4
safe_mode
7
-
4
F3
NA
sys_boot0
0
I
Z
Z
0
vdds
Yes
8
PU/ PD
LVCMOS
dss_data18
3
IO
gpio_2
4
IO
safe_mode
7
-
D3
NA
sys_boot1
0
I
Z
Z
0
vdds
Yes
8
PU/ PD
LVCMOS
dss_data19
3
IO
gpio_3
4
IO
safe_mode
7
-
C3
NA
sys_boot2
0
I
Z
Z
0
vdds
Yes
8
PU/ PD
LVCMOS
gpio_4
4
IO
54
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More