| Moteur de recherche de fiches techniques de composants électroniques |
|
AM3703CUS Fiches technique(PDF) 243 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3703CUS Fiches technique(HTML) 243 Page - Texas Instruments |
|
243 / 280 page ![]() AM3715, AM3703 www.ti.com SPRS616F – JUNE 2010 – REVISED AUGUST 2011 Table 6-105. UART Switching Characteristics(2) (continued) SIGNAL NAME MUX MODE DESCRIPTION MIN MAX UNIT UART3 (uart3_cts_rctx): H18 0 tR, Rise time SC0, SC1 = 00(1) 1 15 ns tF, Fall time CL, Output load 4 60 pF tR, Rise time SC0, SC1 = 00(1) 0.4 5 ns tF, Fall time CL, Output load 2 21 pF tR, Rise time SC0, SC1 = 00(1) 0.6 7 ns tF, Fall time CL, Output load 7 33 pF UART3 (uart3_rts_sd): H19 0 tR, Rise time SC0, SC1 = 00(1) 1 15 ns tF, Fall time CL, Output load 4 60 pF tR, Rise time SC0, SC1 = 00(1) 0.4 5 ns tF, Fall time CL, Output load 2 21 pF tR, Rise time SC0, SC1 = 00(1) 0.6 7 ns tF, Fall time CL, Output load 7 33 pF UART3 (uart3_tx_irtx): H21 0 tR, Rise time SC0, SC1 = 00(1) 1 15 ns tF, Fall time CL, Output load 4 60 pF tR, Rise time SC0, SC1 = 00(1) 0.4 5 ns tF, Fall time CL, Output load 2 21 pF tR, Rise time SC0, SC1 = 00(1) 0.6 7 ns tF, Fall time CL, Output load 7 33 pF UART3 (uart3_cts_rctx): U26 2 tR, Rise time 1.5 5.5 ns tF, Fall time CL, Output load 2 22 pF UART3 (uart3_rts_sd): U27 2 tR, Rise time 1.5 5.5 ns tF, Fall time CL, Output load 2 22 pF UART3 (uart3_tx_irtx): AH24 2 tR, Rise time SC0, SC1 = 00(1) 1 15 ns tF, Fall time CL, Output load 4 60 pF tR, Rise time SC0, SC1 = 00(1) 0.4 5 ns tF, Fall time CL, Output load 2 21 pF tR, Rise time SC0, SC1 = 00(1) 0.6 7 ns tF, Fall time CL, Output load 7 33 pF UART3 (uart3_tx_irtx): G26 2 tR, Rise time 0.6 2.4 ns tF, Fall time CL, Output load 2 22 pF Copyright © 2010–2011, Texas Instruments Incorporated Timing Requirements and Switching Characteristics 243 Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |