Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC33 Fiches technique(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Fiches technique(HTML) 44 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 40Page - Texas Instruments TMS320VC33 Datasheet HTML 41Page - Texas Instruments TMS320VC33 Datasheet HTML 42Page - Texas Instruments TMS320VC33 Datasheet HTML 43Page - Texas Instruments TMS320VC33 Datasheet HTML 44Page - Texas Instruments TMS320VC33 Datasheet HTML 45Page - Texas Instruments TMS320VC33 Datasheet HTML 46Page - Texas Instruments TMS320VC33 Datasheet HTML 47Page - Texas Instruments TMS320VC33 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
44
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
interrupt-acknowledge timing
The IACK output goes active on the first half-cycle (HI rising) of the decode phase of the IACK instruction and
goes inactive at the first half-cycle (HI rising) of the read phase of the IACK instruction.
The following table defines the timing parameters for the IACK signal.
NOTE: The IACK instruction can be executed at anytime to signal an event using the IACK pin. The IACK
instruction is most often used within an interrupt routine to signal which interrupt has occurred. The IACK
instruction must be executed to generate the IACK pulse.
switching characteristics over recommended operating conditions for IACK (see Figure 30)
PARAMETER
VC33-120
VC33-150
UNIT
PARAMETER
MIN MAX
MIN MAX
UNIT
td(H1H-IACKL)
Delay time, H1 high to IACK low
--1
4
--1
3
ns
td(H1H-IACKH)
Delay time, H1 high to IACK high
--1
4
--1
3
ns
H3
H1
IACK
ADDR
Data
Fetch IACK
Instruction
IACK Data
Read
Decode IACK
Instruction
td(H1H-IACKL)
td(H1H-IACKH)
Figure 30. Interrupt Acknowledge (IACK) Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58