Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC33 Fiches technique(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Fiches technique(HTML) 37 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 33Page - Texas Instruments TMS320VC33 Datasheet HTML 34Page - Texas Instruments TMS320VC33 Datasheet HTML 35Page - Texas Instruments TMS320VC33 Datasheet HTML 36Page - Texas Instruments TMS320VC33 Datasheet HTML 37Page - Texas Instruments TMS320VC33 Datasheet HTML 38Page - Texas Instruments TMS320VC33 Datasheet HTML 39Page - Texas Instruments TMS320VC33 Datasheet HTML 40Page - Texas Instruments TMS320VC33 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
37
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
loading when XF is configured as an output
The following table defines the timing parameter for loading the XF register when the XFx pin is configured as
an output.
switching characteristics over recommended operating conditions for loading the XF register when
configured as an output pin (see Figure 25)
PARAMETER
VC33-120
VC33-150
UNIT
PARAMETER
MIN MAX
MIN MAX
UNIT
tv(H3H-XF)
Valid time, XFx after H3 high
4
3
ns
Fetch Load
Decode
Read
Execute
H3
H1
OUTXFx Bit
(see Note A)
XFx
1or0
Instruction
tv(H3H-XF)
NOTE A: OUTXFx represents either bit 2 or 6 of the IOF register.
Figure 25. Timing for Loading XF Register When Configured as an Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58