Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9958SB Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce L9958SB
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958SB Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button L9958SB Datasheet HTML 20Page - STMicroelectronics L9958SB Datasheet HTML 21Page - STMicroelectronics L9958SB Datasheet HTML 22Page - STMicroelectronics L9958SB Datasheet HTML 23Page - STMicroelectronics L9958SB Datasheet HTML 24Page - STMicroelectronics L9958SB Datasheet HTML 25Page - STMicroelectronics L9958SB Datasheet HTML 26Page - STMicroelectronics L9958SB Datasheet HTML 27Page - STMicroelectronics L9958SB Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Diagnostics and protections
L9958
24/38
Doc ID 17269 Rev 5
Figure 20.
Off-state diagnostic principle
5.4
H-Bridge functional status
Three bits in the diagnosis register are used to give a feedback about the state of the H-
Bridge. Status are Current Limitation (bit 4 "C_LIM"), Temperature Warning (bit 5 "T_WRN")
and Bridge Enable Status (bit 7 "ACT"). Those bits do not report a failure but only a
functional state of the H-bridge that could be useful to change the control strategy mainly in
term of power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38