Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9958SB Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce L9958SB
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958SB Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button L9958SB Datasheet HTML 7Page - STMicroelectronics L9958SB Datasheet HTML 8Page - STMicroelectronics L9958SB Datasheet HTML 9Page - STMicroelectronics L9958SB Datasheet HTML 10Page - STMicroelectronics L9958SB Datasheet HTML 11Page - STMicroelectronics L9958SB Datasheet HTML 12Page - STMicroelectronics L9958SB Datasheet HTML 13Page - STMicroelectronics L9958SB Datasheet HTML 14Page - STMicroelectronics L9958SB Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
L9958
Device description
Doc ID 17269 Rev 5
11/38
3.2.2
DIR and PWM inputs
The pins DIR and PWM are internally pulled down. The bridge is controlled by these two
inputs according to the table below.
Figure 5.
H-Bridge configurations
The outputs can be disabled (set to tri-state) by the Disable and Enable inputs DI and EN.
Input DI has an internal pull-up. Input EN has an internal pull-down. During freewheeling
phase, an active freewheeling on the Low-Side MOS is automatically set, switching ON the
power transistor in parallel to the internal freewheeling diode.
Table 6.
Control pins DIR, PWM
DIR
PWM
OUT1
OUT2
Bridge Status
HHH
L
Forward
L
L
L
L
Freewheeling Low
LH
LH
Reverse
H
L
L
L
Freewheeling low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38