| Moteur de recherche de fiches techniques de composants électroniques |
|
IA82050-PDW28I-R-01 Fiches technique(PDF) 12 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA82050-PDW28I-R-01 Fiches technique(HTML) 12 Page - InnovASIC, Inc |
|
12 / 22 page ![]() IA82050 Data Sheet Asynchronous Serial Controller February 25, 2011 IA211030617-08 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 12 of 22 1-888-824-4184 ® Table 4. Line Configure Register Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 DLAB SBK PM2 PM1 PM0 SBL0 CL1 CL0 DLAB – Divisor Latch Access Bit (see Register Summary table) SBK – Set Break (0=normal TXD operation, 1=TXD held low – break condition) PM2, PM1, PM0 – Parity Mode XX0=No Parity 001=Odd Parity 011=Even Parity 101=High Parity 111=Low Parity SBL0 – Stop Bit Length 0 = 1 stop bit 1 = 2 stop CL1, CL0 – Character Length 00=5 Bits 01=6 Bits 10=7 Bits 11=8 Bits 4.5 Line Status Register (LSR) Reports status of serial link (compatible with 8250). BKD, FE, PE, and OE are cleared when read. Writing a zero to RFIR acknowledges the interrupt (ADDR 101, Mode R/W, Default 01100000). Table 5. Line Status Register Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0 TXST TFST BKD FE PE OE RFIR TXST Transmitter Status (1=TX idle or disabled, 0=TX busy) TFST Transmit FIFO Status (1=TX FIFO empty, 0=full) BKD Break Detected (1=break detected, 0=no break detected) FE Framing Error (1=framing error, 0=no framing error) PE Parity Error (1=parity error, 0=no parity error) OE Overrun Error (1=overrun error, 0=no overrun error) RFIR Receive FIFO Interrupt Request (1=RX FIFO full, 0=empty) 4.6 Modem Control Register (MCR) Drives the general purpose outputs that may be used as modem control discretes. (ADDR 100, Mode R/W;W, Default 00000000) |