Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IA82050-PDW28I-R-01 Fiches technique(PDF) 7 Page - InnovASIC, Inc

No de pièce IA82050-PDW28I-R-01
Description  Asynchronous Serial Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INNOVASIC [InnovASIC, Inc]
Site Internet  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82050-PDW28I-R-01 Fiches technique(HTML) 7 Page - InnovASIC, Inc

Back Button IA82050-PDW28I-R-01 Datasheet HTML 3Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 4Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 5Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 6Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 7Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 8Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 9Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 10Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 11Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
IA82050
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211030617-08
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 7 of 22
1-888-824-4184
®
2.
Description
The IA82050 is an asynchronous serial controller that provides a CPU interface to one transmit
and one receive channel. It is form, fit, and function compatible with the Intel® 82050 and
82510. Configuration registers are used to control the serial channel, interrupts, and modes of
operation. The CPU controls this device via address and data lines with read/write control. The
CPU also uses this interface to read and write data to receive and transmit data through the serial
channel. FIFOs and various serial modes can be used to help off-load the CPU from transmitting
and receiving data. An interrupt line provides an indication to the CPU that the device requires
servicing. The device can be configured for 8250A/16450 compatibility. See Figure 2,
Functional Block Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22