Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TN8044AH-R0117 Fiches technique(PDF) 10 Page - InnovASIC, Inc

No de pièce TN8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INNOVASIC [InnovASIC, Inc]
Site Internet  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

TN8044AH-R0117 Fiches technique(HTML) 10 Page - InnovASIC, Inc

Back Button TN8044AH-R0117 Datasheet HTML 6Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 7Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 8Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 9Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 10Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 11Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 12Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 13Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 14Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 10 of 65
1-888-824-4184
®
64-Kbyte external data memory space
4-Kbyte internal ROM (IA8044 only)
1.2
Variants
IA8044
– 4-Kbyte internal ROM with R0117 version 2.3 firmware
– 192-byte internal RAM
– 64-Kbyte external program and data space
IA8344
– 192-byte internal RAM
– 64-Kbyte external program and data space
2.
Packaging, Pin Descriptions, and Physical Dimensions
The Innovasic Semiconductor IA8044 and IA8344 serial controllers are available in the following
packages:
40-Pin Plastic Dual In-Line Package (PDIP), equivalent to original PDIP package
(see Physical Package Dimensions)
44-Lead Plastic Leaded Chip Carrier (PLCC), equivalent to original PLCC package
(see Physical Package Dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65