Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TN8044AH-R0117 Fiches technique(PDF) 7 Page - InnovASIC, Inc

No de pièce TN8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INNOVASIC [InnovASIC, Inc]
Site Internet  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

TN8044AH-R0117 Fiches technique(HTML) 7 Page - InnovASIC, Inc

Back Button TN8044AH-R0117 Datasheet HTML 3Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 4Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 5Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 6Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 7Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 8Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 9Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 10Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 11Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 7 of 65
1-888-824-4184
®
LIST OF TABLES
Table 1. IA8044 and IA8344 40-Lead PDIP Pin Listing..............................................................12
Table 2. IA8044 and IA8344 44-Pin PLCC Pin Listing ...............................................................15
Table 3. IA8044 and IA8344 Absolute Maximum Ratings ..........................................................17
Table 4. IA8044 and IA8344 DC Characteristics .........................................................................17
Table 5. Input/Output Characteristics of IC Signals .....................................................................19
Table 6. Reset Vectors ..................................................................................................................20
Table 7. SFR Bit Addressable Locations ......................................................................................22
Table 8. Internal RAM Bit Addressable Locations ......................................................................22
Table 9. Special Function Registers..............................................................................................23
Table 10. Additional Functions of Port P3 ...................................................................................24
Table 11. Port 0 Register ..............................................................................................................25
Table 12. Port 1 Register ..............................................................................................................25
Table 13. Port 2 Register ..............................................................................................................25
Table 14. Port 3 Register ..............................................................................................................26
Table 15. Timer Mode Register ....................................................................................................27
Table 16. Timer Mode Select Bits ................................................................................................28
Table 17. Timer Control Register .................................................................................................28
Table 18. Timer 0 High Byte Register..........................................................................................29
Table 19. Timer 0 Low Byte Register ..........................................................................................29
Table 20. Timer 1 High Byte Register..........................................................................................29
Table 21. Timer 1 Low Byte Register ..........................................................................................29
Table 22. Accumulator Register ...................................................................................................32
Table 23. B Register .....................................................................................................................32
Table 24. Program Status Word Register .....................................................................................32
Table 25. RS1/RS0 Bank Selections by State...............................................................................33
Table 26. Stack Pointer .................................................................................................................33
Table 27. Data Pointer (High) Register ........................................................................................33
Table 28. Data Pointer (Low) Register .........................................................................................33
Table 29. Interrupt Priority Register .............................................................................................35
Table 30. Interrupt Enable Register ..............................................................................................36
Table 31. Serial Mode Register ....................................................................................................37
Table 32. Serial Mode Select Clock Mode Bits............................................................................38
Table 33. Status/Command Register.............................................................................................38
Table 34. Send/Receive Count Register .......................................................................................39
Table 35. Station Address Register...............................................................................................40
Table 36. Transmit Buffer Start Address Register........................................................................40
Table 37. Transmit Buffer Length Register ..................................................................................40
Table 38. Transmit Control Byte Register ....................................................................................41
Table 39. Receive Buffer Start Address Register .........................................................................41
Table 40. Receive Buffer Length Register ...................................................................................41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65