| Moteur de recherche de fiches techniques de composants électroniques |
|
N8044AH-R0117 Fiches technique(PDF) 11 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
N8044AH-R0117 Fiches technique(HTML) 11 Page - InnovASIC, Inc |
|
11 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 11 of 65 1-888-824-4184 ® 2.1 PDIP Package The pinout for the IA8044 and IA8344 40 PDIP package is as shown in Figure 1. Although Figure 1 shows ―IA8X44,‖ each device has a complete part number marked on its face (see Chapter 8, Innovasic/Intel Part Number Cross-Reference Tables). The corresponding pinout is provided in Table 1. Figure 1. IA8044 and IA8344 40-Lead PDIP Package Diagram ( 6) P 1. 5 ( 1) P 1. 0 ( 2) P 1. 1 ( 3) P 1. 2 ( 4) P 1. 3 ( 5) P 1. 4 ( 7) ( RTS ) P 1. 6 ( 8) ( 9) RST (10) (11) (12) ( INT0 ) P 3. 2 (13) ( INT1 ) P 3. 3 (14) IA8X44 PDIP P 0.7 ( AD 7) EA ALE PSEN ( 20) VSS (15) ( SCLK/T1 ) P3.5 (16) ( WR ) P 3. 6 (17) ( RD ) P 3. 7 (18) XTAL 2 (19) XTAL 1 ( 21) ( 22) ( 23) ( 24) P 2.1 ( A 9) P 2. 0 ( A 8) ( 40) ( 39) ( 38) ( 37) ( 36) ( 35) ( 34) ( 33) ( 32) ( 31) ( 30) ( 29) ( 28) ( 27) ( 26) ( 25) ( T 0 ) P 3. 4 P 2.3 ( A11) P 2.2 ( A10 ) P 2.5 ( A13 ) P 2.4 ( A12) P 2.7 ( A15) P 2.6 ( A14) P 0.5 ( AD 5) P 0.6 ( AD 6) P 0.3 ( AD 3) P 0. 4 ( AD 4) P 0.1 ( AD 1) P 0. 2 ( AD 2) VCC P 0. 0 ( AD0) ( CTS ) P 1. 7 ( RXD ) P 3. 0 ( TXD ) P 3. 1 ® |