Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N8044AH-R0117 Fiches technique(PDF) 57 Page - InnovASIC, Inc

No de pièce N8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INNOVASIC [InnovASIC, Inc]
Site Internet  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

N8044AH-R0117 Fiches technique(HTML) 57 Page - InnovASIC, Inc

Back Button N8044AH-R0117 Datasheet HTML 53Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 54Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 55Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 56Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 57Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 58Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 59Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 60Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 61Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 57 of 65
1-888-824-4184
®
7.
Instruction Set
The IA8044 and IA8344 architecture and instruction set are identical to the Intel 8051’s.
Tables 53 through 57 present the instruction set of the IA8044/IA8344 microcontroller core.
Table 53. Arithmetic Operations
Mnemonic
Description
Byte
Cycle
ADD A,Rn
Add register to accumulator
1
1
ADD A, direct
Add direct byte to accumulator
2
1
ADD A,@Ri
Add indirect RAM to accumulator
1
1
ADD A,#data
Add immediate data to accumulator
2
1
ADDC A,Rn
Add register to accumulator with carry flag
1
1
ADDC A,direct
Add direct byte to A with carry flag
2
1
ADDC A,@Ri
Add indirect RAM to A with carry flag
1
1
ADDC A,#data
Add immediate data to A with carry flag
2
1
SUBB A,Rn
Subtract register from A with borrow
1
1
SUBB A,direct
Subtract direct byte from A with borrow
2
1
SUBB A,@Ri
Subtract indirect RAM from A with borrow
1
1
SUBB A,#data
Subtract immediate data from A with borrow
2
1
INC A
Increment accumulator
1
1
INC Rn
Increment register
1
1
INC direct
Increment direct byte
2
1
INC @ Ri
Increment indirect RAM
1
1
DEC A
Decrement accumulator
1
1
DEC Rn
Decrement register
1
1
DEC direct
Decrement direct byte
2
1
DEC @Ri
Decrement indirect RAM
1
1
INC DPTR
Increment data pointer
1
2
MUL A,B
Multiply A and B
1
4
DIV A,B
Divide A by B
1
4
DA A
Decimal adjust accumulator
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65