| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP5589ACPZ-02-R7 Fiches technique(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5589ACPZ-02-R7 Fiches technique(HTML) 16 Page - Analog Devices |
|
16 / 52 page ![]() ADP5589 Data Sheet Rev. B | Page 16 of 52 LOGIC BLOCKS Several of the ADP5589 I/O lines can be used as inputs and outputs for implementing some common logic functions. The R1, R2, and R3 I/O pins can be used as inputs, and the R0 I/O pin can be used as an output for Logic Block 1. The C8, C7, and C6 I/O pins can be used as inputs, and the C9 I/O pin can be used as an output, for Logic Block 2. It is also possible to cascade the output of Logic Block 1 as an alternate input for Logic Block 2 (LY1 is used instead of LA2). The outputs from the logic blocks can be configured to generate interrupts. They can also be configured to generate events on the FIFO. The LCK_TRK_LOGIC (0x4D[4]) bit can be used to allow logic events (programmed for FIFO updating) to be tracked when the keypad is locked. Figure 21 and Figure 22 show detailed diagrams of the internal make-up of each logic block, illustrating the possible logic functions that can be implemented. GPI EVENT I2C BUSY? KEY EVENT LOGIC EVENT (R1) LA1 LC1 LB1 LA1_INV LOGIC EVENT/INT GENERATOR D CLR Q SET LB1_INV LC1_INV FF1_SET FF1_CLR R3_EXTEND_CFG[1:0] LOGIC1_SEL[2:0] LY1_INV LA2_INV LB2_INV LC2_INV FF2_SET FF2_CLR C6_EXTEND_CFG LOGIC2_SEL[2:0] LY2_INV (R2) (R3) (C8) LA2 LC2 LB2 (C7) (C6) LOGIC BLOCK1 LOGIC BLOCK2 LY1 (R0) LY2 (C9) LOGIC1_INT LOGIC2_INT LOGIC1_INT_LEVEL FIFO UPDATE LOGIC2_INT_LEVEL LOGIC1_EVENT_EN LOGIC2_EVENT_EN OVRFLOW_INT EVENT_INT LCK_TRK_LOGIC RESET_TRIGGER_TIME[2:0] RESET1_EVENT_A[7:0] RESET1_EVENT_B[7:0] RESET1_EVENT_C[7:0] RESET2_EVENT_A[7:0] RESET2_EVENT_B[7:0] FIFO EC[4:0] D CLR Q SET Figure 20. Logic Blocks Overview LA1_INV MUX 000 001 SEL[2:0] OUT 010 011 100 101 110 111 SEL OUT 0 1 GND AND1 OR1 XOR1 FF1 IN_LA1 IN_LB1 IN_LC1 LA1 LA1 LA1 IN_LA1 SEL OUT 0 1 AND1 IN_LA1 IN_LB1 IN_LC1 R3_EXTEND_CFG[1:0] = 01 LOGIC1_SEL[2:0] LY1_INV SEL OUT 0 1 LY1 LY1 LY1 LB1_INV SEL OUT 0 1 LB1 LB1 LB1 IN_LB1 LC1_INV SEL OUT 0 1 LC1 LC1 LC1 IN_LC1 FF1_SET FF1_CLR SEL OUT 0 1 OR1 IN_LA1 IN_LB1 IN_LC1 AND AND OR OR SEL OUT 0 1 XOR1 IN_LA1 IN_LB1 IN_LC1 IN_LA1 IN_LB1 IN_LC1 XOR XOR D CLR Q SET 0 1 SEL OUT FF1 Figure 21. Logic Block 1 |