Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP5589ACPZ-02-R7 Fiches technique(PDF) 47 Page - Analog Devices

No de pièce ADP5589ACPZ-02-R7
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACPZ-02-R7 Fiches technique(HTML) 47 Page - Analog Devices

Back Button ADP5589ACPZ-02-R7 Datasheet HTML 43Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 44Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 45Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 46Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 47Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 48Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 49Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 50Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Data Sheet
ADP5589
Rev. B | Page 47 of 52
INT_EN Register 0x4E
Table 86. INT_EN Bit Descriptions
Bits
Name
R/W
Description
[7: 6]
Reserved.
5
LOGIC2_IEN
R/W
0 = Logic 2 interrupt is disabled.
1 = assert the INT pin if LOGIC2_INT is set.
4
LOGIC1_IEN
R/W
0 = Logic 1 interrupt is disabled.
1 = assert the INT pin if LOGIC1_INT is set.
3
LOCK_IEN
R/W
0 = lock interrupt is disabled.
1 = assert the INT pin if LOCK_INT is set.
2
OVRFLOW_IEN
R/W
0 = overflow interrupt is disabled.
1 = assert the INT pin if OVRFLOW_INT is set.
1
GPI_IEN
R/W
0 = GPI interrupt is disabled.
1 = assert the INT pin if GPI_INT is set.
0
EVENT_IEN
R/W
0 = event interrupt is disabled.
1 = assert the INT pin if EVENT_INT is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52