Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9523-1/PCBZ Fiches technique(PDF) 57 Page - Analog Devices

No de pièce AD9523-1/PCBZ
Description  Low Jitter Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9523-1/PCBZ Fiches technique(HTML) 57 Page - Analog Devices

Back Button AD9523-1/PCBZ Datasheet HTML 52Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 53Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 54Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 55Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 56Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 57Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 58Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 59Page - Analog Devices AD9523-1/PCBZ Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
AD9523-1
Rev. B | Page 57 of 60
Table 61. EEPROM Control 1
Address
Bits
Bit Name
Description
[7:2]
Reserved
Reserved.
1
Soft_EEPROM
When the EEPROM_SEL pin is tied low, setting the Soft_EEPROM bit resets the AD9523-1
using the settings saved in EEPROM.
1: soft reset with EEPROM settings (self-clearing).
0xB02
0
Enable EEPROM write
Enables the user to write to the EEPROM.
0: EEPROM write protection is enabled. User cannot write to EEPROM (default).
1: EEPROM write protection is disabled. User can write to EEPROM.
Table 62. EEPROM Control 2
Address
Bits
Bit Name
Description
[7:1]
Reserved
Reserved.
0xB03
0
REG2EEPROM
Transfers data from the buffer register to the EEPROM (self-clearing).
1: setting this bit initiates the data transfer from the buffer register to the EEPROM (writing
process); it is reset by the I²C master after the data transfer is done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60