| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9523-1/PCBZ Fiches technique(PDF) 34 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9523-1/PCBZ Fiches technique(HTML) 34 Page - Analog Devices |
|
34 / 60 page ![]() AD9523-1 Rev. B | Page 34 of 60 CS SCLK SDIO tHIGH tLOW tCLK tS tDS tDH tC BIT N BIT N + 1 Figure 45. Serial Control Port Timing—Write Table 27. Serial Control Port Timing Parameter Description tDS Setup time between data and rising edge of SCLK tDH Hold time between data and rising edge of SCLK tCLK Period of the clock Setup time between the CS falling edge and SCLK rising edge (start of communication cycle) tS Setup time between the SCLK rising edge and CS rising edge (end of communication cycle) tC tHIGH Minimum period that SCLK should be in a logic high state tLOW Minimum period that SCLK should be in a logic low state tDV SCLK to valid SDIO and SDO (see Figure 43) |