Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L151XD Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 47Page - STMicroelectronics STM32L151XD Datasheet HTML 48Page - STMicroelectronics STM32L151XD Datasheet HTML 49Page - STMicroelectronics STM32L151XD Datasheet HTML 50Page - STMicroelectronics STM32L151XD Datasheet HTML 51Page - STMicroelectronics STM32L151XD Datasheet HTML 52Page - STMicroelectronics STM32L151XD Datasheet HTML 53Page - STMicroelectronics STM32L151XD Datasheet HTML 54Page - STMicroelectronics STM32L151XD Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 140 page
background image
PG15
EVENT
OUT
PH0OSC
_IN
OSC_IN
PH1OSC
_OUT
OSC_OUT
PH2
A22
Table 10.
Alternate function input/output (continued)
Port
name
Digital alternate function number
AFIO0
AFIO1
AFIO2
AFIO3
AFIO4
AFIO5
AFIO6
AFIO7
AFIO8 .. AFIO10 AFIO11 AFIO12 ..
AFIO14
AFIO15
Alternate function
SYSTEM
TIM2
TIM3/4/5
TIM9/
10/11
I2C1/2
SPI1/2
SPI3
USART1/2/3 UART4/5
USB
LCD
FSMC/
SDIO
CPRI
SYSTEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More