Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L151XD Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 34Page - STMicroelectronics STM32L151XD Datasheet HTML 35Page - STMicroelectronics STM32L151XD Datasheet HTML 36Page - STMicroelectronics STM32L151XD Datasheet HTML 37Page - STMicroelectronics STM32L151XD Datasheet HTML 38Page - STMicroelectronics STM32L151XD Datasheet HTML 39Page - STMicroelectronics STM32L151XD Datasheet HTML 40Page - STMicroelectronics STM32L151XD Datasheet HTML 41Page - STMicroelectronics STM32L151XD Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 140 page
background image
Pin descriptions
STM32L151xD STM32L152xD
38/140
Doc ID 022027 Rev 6
29
K2
18 11 F7
PC3
I/O
PC3
LCD_SEG21/ADC_IN13/COMP1_INP
/OPAMP3_VOUT
30
J1
19 12 E7
VSSA
SVSSA
31
-
20
-
-
VREF-
SVREF-
32
L1
21
-
-
VREF+
SVREF+
33
M1 22 13 G8
VDDA
SVDDA
34
L2
23 14 F6
PA0-WKUP1
I/O FT
PA0
WKUP1/RTC_TAMP2/TIM2_CH1_ETR/TIM5_CH1/
USART2_CTS/ADC_IN0/COMP1_INP
35
M2 24 15 E6
PA1
I/O FT
PA1
TIM2_CH2/TIM5_CH2/ USART2_RTS/LCD_SEG0/
ADC_IN1/COMP1_INP/OPAMP1_VINP
36
-
25 16 H8
PA2
I/O FT
PA2
TIM2_CH3/TIM5_CH3/TIM9_CH1/USART2_TX/
LCD_SEG1/ADC_IN2/ COMP1_INP/OPAMP1_VINM
-
K3
-
-
-
PA2
I/O FT
PA2
TIM2_CH3/TIM5_CH3/TIM9_CH1/USART2_TX/
LCD_SEG1/ADC_IN2/COMP1_INP
-
M3
-
-
- OPAMP1_VINM
I
OPAMP1_
VINM
37
L3
26 17 G7
PA3
I/O
PA3
TIM2_CH4/TIM5_CH4/TIM9_CH2/USART2_RX/
LCD_SEG2/ ADC_IN3/COMP1_INP/OPAMP1_VOUT
38
-
27 18 F5
VSS_4
SVSS_4
39
-
28 19 G6
VDD_4
SVDD_4
40
J4
29 20 H7
PA4
I/O
PA4
SPI1_NSS/SPI3_NSS/I2S3_WS/USART2_CK/
ADC_IN4/DAC_OUT1/COMP1_INP
41
K4
30 21 E5
PA5
I/O
PA5
TIM2_CH1_ETR/SPI1_SCK/ADC_IN5/DAC_OUT2/
COMP1_INP
42
L4
31 22 G5
PA6
I/O FT
PA6
TIM3_CH1/TIM10_CH1/SPI1_MISO/LCD_SEG3/
ADC_IN6/COMP1_INP/OPAMP2_VINP
43
-
32 23 G4
PA7
I/O FT
PA7
TIM3_CH2/TIM11_CH1/ SPI1_MOSI/LCD_SEG4/
ADC_IN7/COMP1_INP/OPAMP2_VINM
-
J5
-
-
-
PA7
I/O FT
PA7
TIM3_CH2/TIM11_CH1/ SPI1_MOSI/LCD_SEG4/
ADC_IN7/COMP1_INP
-
M4
-
-
- OPAMP2_VINM
I
OPAMP2_VI
NM
44
K5
33 24 H6
PC4
I/O FT
PC4
LCD_SEG22/ADC_IN14/COMP1_INP
45
L5
34 25 H5
PC5
I/O FT
PC5
LCD_SEG23/ADC_IN15/COMP1_INP
46
M5 35 26 H4
PB0
I/O
PB0
TIM3_CH3/LCD_SEG5/ADC_IN8/COMP1_INP/
VREF_OUT/ OPAMP2_VOUT
47
M6 36 27 F4
PB1
I/O FT
PB1
TIM3_CH4/LCD_SEG6/ADC_IN9/COMP1_INP/
VREF_OUT
-
-
37 28 H3
PB2
I/O FT PB2/BOOT1
COMP1_INP
48
L6
-
-
PB2
I/O FT PB2/BOOT1
ADC_IN0b/COMP1_INP
Table 9.
STM32L15xxD pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More