| Moteur de recherche de fiches techniques de composants électroniques |
|
ADC0804LCWMX Fiches technique(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC0804LCWMX Fiches technique(HTML) 16 Page - Texas Instruments |
|
16 / 48 page ![]() ADC0801, ADC0802 ADC0803, ADC0804, ADC0805 SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013 www.ti.com TYPICAL APPLICATIONS (continued) (1) Oversample whenever possible [keep fs > 2f( −60)] to eliminate input frequency folding (aliasing) and to allow for the skirt response of the filter. (2) Consider the amplitude errors which are introduced within the passband of the filter. Figure 42. Sampling an AC Input Signal (Complete shutdown takes ≈ 30 seconds.) Figure 43. 70% Power Savings by Clock Gating *Use ADC0801, 02, 03 or 05 for lowest power consumption. Note: Logic inputs can be driven to VCC with A/D supply at zero volts. Buffer prevents data bus from overdriving output of A/D when in shutdown mode. Figure 44. Power Savings by A/D and VREF Shutdown 16 Submit Documentation Feedback Copyright © 2009–2013, Texas Instruments Incorporated Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805 |