| Moteur de recherche de fiches techniques de composants électroniques |
|
ADC0804LCWMX Fiches technique(PDF) 36 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC0804LCWMX Fiches technique(HTML) 36 Page - Texas Instruments |
|
36 / 48 page ![]() ADC0801, ADC0802 ADC0803, ADC0804, ADC0805 SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013 www.ti.com SAMPLE PROGRAM FOR Figure 61 INTERFACING MULTIPLE A/D’s IN AN MC6800 SYSTEM SAMPLE PROGRAM FOR Figure 61 INTERFACING MULTIPLE A/D’s IN AN MC6800 SYSTEM Note: In order for the microprocessor to service subroutines and interrupts, the stack pointer must be dimensioned in the user’s program. For amplification of DC input signals, a major system error is the input offset voltage of the amplifiers used for the preamp. Figure 62 is a gain of 100 differential preamp whose offset voltage errors will be cancelled by a zeroing subroutine which is performed by the INS8080A microprocessor system. The total allowable input offset voltage error for this preamp is only 50 µV for / ⁄4 LSB error. This would obviously require very precise amplifiers. The expression for the differential output voltage of the preamp is: 36 Submit Documentation Feedback Copyright © 2009–2013, Texas Instruments Incorporated Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805 |