| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA9535EC Fiches technique(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
PCA9535EC Fiches technique(HTML) 3 Page - ON Semiconductor |
|
3 / 20 page ![]() PCA9535E, PCA9535EC http://onsemi.com 3 PIN ASSIGNMENT Figure 3. SOIC24 / TSSOP24 Figure 4. WQFN24 V INT DD SDA AD1 SCL AD2 AD0 IO0_0 IO1_7 IO0_1 IO1_6 IO0_2 IO1_5 IO0_3 IO1_4 IO0_4 IO1_3 IO0_5 IO1_2 IO0_6 IO1_1 IO0_7 VSS IO1_0 PCA9535E 1 2 3 4 5 6 7 8 9 10 11 12 14 13 16 15 18 17 20 19 22 21 24 23 PCA9535EC (The exposed thermal pad at the bottom is not connected to internal circuitry) Transparent top view IO1_3 IO1_4 IO0_3 IO0_2 IO0_1 AD0 IO0_0 terminal 1 index area 6 13 5 14 4 15 3 16 2 17 1 18 PCA9535E IO0_5 IO0_4 IO1_5 IO1_6 IO1_7 PCA9535EC Table 1. PIN DESCRIPTIONS Symbol Pin Description SOIC24, TSSOP24 WQFN24 INT 1 22 Interrupt Output (active−LOW) AD1 2 23 Address Input 1 AD2 3 24 Address Input 2 IO0_0 4 1 Port 0 I/O 0 IO0_1 5 2 Port 0 I/O 1 IO0_2 6 3 Port 0 I/O 2 IO0_3 7 4 Port 0 I/O 3 IO0_4 9 5 Port 0 I/O 4 IO0_5 9 6 Port 0 I/O 5 IO0_6 10 7 Port 0 I/O 6 IO0_7 11 9 Port 0 I/O 7 VSS 12 9 Supply Ground IO1_0 13 10 Port 1 I/O 0 IO1_1 14 11 Port 1 I/O 1 IO1_2 15 12 Port 1 I/O 2 IO1_3 16 13 Port 1 I/O 3 IO1_4 17 14 Port 1 I/O 4 IO1_5 18 15 Port 1 I/O 5 IO1_6 19 16 Port 1 I/O 6 IO1_7 20 17 Port 1 I/O 7 AD0 21 18 Address Input 0 SCL 22 19 Serial Clock Line SDA 23 20 Serial Data Line VDD 24 21 Supply Voltage |