| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA9535EC Fiches technique(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
PCA9535EC Fiches technique(HTML) 2 Page - ON Semiconductor |
|
2 / 20 page ![]() PCA9535E, PCA9535EC http://onsemi.com 2 BLOCK DIAGRAM Remark: All I/Os are set as inputs at reset. Figure 1. Block Diagram PCA9535E POWER−ON RESET I2C−BUS/SMBus CONTROL INPUT FILTER SCL SDA VDD INPUT/ OUTPUT PORTS IO0_0 VSS 8−bit write pulse read pulse IO0_2 IO0_1 IO0_3 IO0_4 IO0_5 IO0_6 IO0_7 INPUT/ OUTPUT PORTS IO1_0 8−bit write pulse read pulse IO1_2 IO1_1 IO1_3 IO1_4 IO1_5 IO1_6 IO1_7 INT AD1 AD0 AD2 LP filter VDD PCA9535EC 1. PCA9535EC I/Os are open−drain only. The portion of the PCA9535E schematic marked inside the dotted line box is not in PCA9535EC. Figure 2. Simplified Schematic of I/Os At power−on reset, all registers return to default values. VDD I/O pin output port register data configuration register DQ CK Q data from shift register write configuration pulse output port register DQ CK write pulse polarity inversion register DQ CK data from shift register write polarity pulse input port register DQ CK read pulse input port register data polarity inversion register data FF data from shift register FF FF FF Q1 Q2 VSS to INT (1) |