| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF06 Fiches technique(PDF) 5 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF06 Fiches technique(HTML) 5 Page - Tyco Electronics |
|
5 / 326 page ![]() GD Series A5 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 A DIP Switches, Recessed Rocker, Through Hole and Surface Mount GDH Half Pitch .050” Terminal Spacing GDH08S GDR Classic Profile Recessed Rocker Actuator Part Number PC Model S Model Poles Length Dim. M Tyco Alcoswitch Tyco Alcoswitch Electronics Electronics 4-1437590-6 GDR02 4-1437590-7 GDR02S 2 .238(6.04) .100(2.54) 4-1437590-8 GDR04 4-1437590-9 GDR04S 4 .438(11.12) .300(7.62) 5-1437590-0 GDR06 5-1437590-1 GDR06S 6 .638(16.20) .500(12.7) 5-1437590-2 GDR08 5-1437590-3 GDR08S 8 .838(21.28) .700(17.78) 5-1437590-4 GDR10 — GDR10S 10 1.038(26.36) .900(22.86) Part Number PC Model S Model Poles Length Dim. M Tyco Alcoswitch Tyco Alcoswitch Electronics Electronics 1-1437590-0 GDH02S 1-1437590-3 GDH02STR 2 .144(3.66) .050(1.27) 1-1437590-4 GDH04S 1-1437590-6 GDH04STR 4 .244(6.20) .150(3.81) 1-1437590-9 GDH06S 2-1437590-1 GDH06STR 6 .344(8.75) .250(6.35) 2-1437590-2 GDH08S 2-1437590-4 GDH08STR 8 .444(11.29) .350(8.89) 2-1437590-6 GDH10S 2-1437590-8 GDH10STR 10 .544(13.82) .450(11.43) .024 (0.60) .100 (2.54) .047 (1.20) .152 (3.85) .270 (6.85) (9.60) .378 (9.60) .010 (0.25) .300 (7.62) .100 (2.54) TYP. .300 (7.60) M ¿0.03 (0.80) TYP. .039 (1.00) .433 (11.00) .010 (0.25) TYP. .309 (7.85) .072 (1.82) TYP. .008 (0.20) .378 (9.60) .069 (1.75) 1 2 3 .100 (2.54) TYP. .047 (1.20) LENGTH 4 5 6 7 8 .100 (2.54) TYP. .240 (6.10) MAX. .060 (1.52) MIN. TYP. .325 (8.26) .476 (12.1) MIN. DIM. M ON OFF PC S .087 (2.20) .091 (2.30) .014 (0.35) .244 (6.20) .031 (0.80) .236 (6.00) .320 (8.12) .006 (0.15) LENGTH .047 (1.20) .050 (1.27) 2.36 (6.00) S On DIM. M .050 (1.27) TYP. .050 (1.27) REF. TYP. .250 (6.35) MAX. .030 (0.76) TYP. .299 (7.60) REF. .350 (8.89) MIN. 1 23456 7 8 S DIP Switches, Half Pitch, Low Profile GDR08 SEE PAGE A3 FOR PRODUCT SPECIFICATIONS |