| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF06 Fiches technique(PDF) 89 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF06 Fiches technique(HTML) 89 Page - Tyco Electronics |
|
89 / 326 page ![]() C13 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C TT Series Toggle Switches, Tiny, Wire Wrap Termination Tyco Alcoswitch Type Act. Code P. M5 Electronics 5-1437561-0 TT11DGWW2T SPDT D On None On 7-1437561-1 TT11EGWW2T SPDT E On Off On TT21NGWW2T 1 POLE TT11DGWW2T 2 POLE Tyco Alcoswitch Type Act. Code P. M5 Electronics 7-1437562-4 TT41NGWW2T 4PDT N On None On Tyco Alcoswitch Type Act. Code P. M5 Electronics 2-1437562-4 TT21NGWW2T DPDT N On None On 4-1437562-4 TT21PGWW2T DPDT P On Off On 4 POLE TT41NGWW2T For terminal connections refer to Code Chart on page M5-6 .172 (4.37) .206 (5.23) .030 (0.76) .320 (8.10) .177 ±.002 (4.50 ±.05) .192 ±.002 (4.88 ±.05) .236 (6.00) DIA. .020 (0.51) 3 2 1 .589 (14.96) .348 (8.84) .216 (5.49) .296 (7.52) 26 ° 10-48 UNS-2A .100 (2.50) DIA. .172 (4.37) .177 ±.002 (4.50 ±.05) .192 ±.002 (4.88 ±.05) .020 (0.51) .589 (14.96) .348 (8.84) .216 (5.49) .296 (7.52) 26 ° 10-48 UNS-2A .100 (2.50) DIA. .363 (9.22) 3 2 1 6 5 4 .172 (4.37) .200 (5.08) .621 (15.77) .030 (0.76) .363 (9.22) 3 7 8 9 2 1 6 10 11 12 5 4 .020 (0.51) TYP. .589 (14.96) .348 (8.84) .216 (5.49) .296 (7.52) 26 ° 10-48 UNS-2A .100 (2.50) DIA. .177 ±.002 (4.50 ±.05) .192 ±.002 (4.85 ±.05) SEE PAGE C8 FOR PRODUCT SPECIFICATIONS |