| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF04T Fiches technique(PDF) 57 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF04T Fiches technique(HTML) 57 Page - Tyco Electronics |
|
57 / 326 page ![]() MSSA Series B29 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 B Slide Switches, Instrumentation Grade SEE PAGE B26 FOR PRODUCT SPECIFICATIONS Tyco Electronics Alcoswitch Plating Mounting Style 7-1437580-3 MSSA4450 Silver Upright 7-1437580-4 MSSA4450G Gold Upright Tyco Electronics Alcoswitch Plating Mounting Style 7-1437580-1 MSSA4350R Silver Rt. Angle 7-1437580-2 MSSA4350RG Gold Rt. Angle Tyco Electronics Alcoswitch Plating Mounting Style 6-1437580-9 MSSA4350 Silver Upright 7-1437580-0 MSSA4350G Gold Upright 4P3T MSSA4350 Tyco Electronics Alcoswitch Plating Mounting Style 7-1437580-5 MSSA4450R Silver Rt. Angle 7-1437580-6 MSSA4450RG Gold Rt. Angle 1 3 4 2 1 3 4 2 1 3 4 2 1 3 4 2 .035 (0.89) TYP. DIA. NO. 53 DRILL .157 (3.99) TYP. .059 (1.50) .090 (2.29) .165 (4.19) .344 (8.74) .059 (1.50) DIA. TYP. NO. 53 DRILL .830 (21.06) .079 (2.01) TYP. 0.25 (6.40) .140 (3.56) .016 (0.41) TYP. .025 (0.61) TYP. .368 (9.35) .355 (9.02) .115 (2.92) .090 (2.23) .110 (2.79) .500 (12.7) .472 (12.0) .138 (3.51) 1.05 (26.7) 1 3 4 2 1 3 4 2 1 3 4 2 1 3 4 2 .518 (13.2) .168 (4.27) .115 (2.92) .110 (2.79) .472 (12.0) .410 (10.4) .138 (3.51) .270 (6.86) 1.05 (26.7) .016 (0.41) .024 (0.61) TYP. 0.16 (4.10) 0.37 (9.40) .035 (0.89) TYP. DIA. NO. 53 DRILL .157 (3.99) TYP. .059 (1.50) .090 (2.29) .165 (4.19) .344 (8.74) .059 (1.50) DIA. TYP. NO. 53 DRILL .830 (21.06) .079 (2.01) TYP. 4P4T 1 3 2 1 3 2 1 3 2 1 3 2 .035 (.889) TYP. DIA. NO. 65 DRILL .157 (3.99) TYP. .059 (1.50) .090 (2.29) .165 (4.19) .344 (8.74) .059 (1.50) TYP. DIA. NO. 53 DRILL .830 (21.06) .079 (2.01) TYP. .250 (6.35) .140 (3.56) .016 (0.41) TYP. .024 (0.61) TYP. .368 (9.35) .355 (9.02) .115 (2.92) .168 (4.27) .110 (2.79) .420 (10.7) .472 (12.0) .138 (3.51) 1.05 (26.7) 4P3T 1 3 2 1 3 2 1 3 2 1 3 2 .439 (11.2) .170 (4.32) .120 (2.92) .110 (2.79) .472 (12.0) .410 (10.4) .138 (3.51) .273 (6.93) 1.05 (26.7) .016 (0.41) TYP. .024 (0.61) TYP. .157 (3.99) .368 (9.35) .035 (.889) TYP. DIA. NO. 65 DRILL .157 (3.99) TYP. .059 (1.50) .090 (2.29) .165 (4.19) .344 (8.74) .059 (1.50) TYP. DIA. NO. 53 DRILL .830 (21.06) .079 (2.01) TYP. MSSA4350R MSSA4450 4P4T MSSA4450R |