| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF04T Fiches technique(PDF) 56 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF04T Fiches technique(HTML) 56 Page - Tyco Electronics |
|
56 / 326 page ![]() MSSA Series B28 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 B Slide Switches, Instrumentation Grade SEE PAGE B26 FOR PRODUCT SPECIFICATIONS 3P3T Tyco Electronics Alcoswitch Plating Mounting Style 6-1437580-5 MSSA3450 Silver Upright 6-1437580-6 MSSA3450G Gold Upright Tyco Electronics Alcoswitch Plating Mounting Style 6-1437580-3 MSSA3350R Silver Rt. Angle 6-1437580-4 MSSA3350RG Gold Rt. Angle Tyco Electronics Alcoswitch Plating Mounting Style 6-1437580-1 MSSA3350 Silver Upright 6-1437580-2 MSSA3350G Gold Upright Tyco Electronics Alcoswitch Plating Mounting Style 6-1437580-7 MSSA3450R Silver Rt. Angle 6-1437580-8 MSSA3450RG Gold Rt. Angle 3P4T 1 3 2 1 3 2 1 3 2 .250 (6.35) .115 (2.92) .140 (3.56) .110 (2.79) 0.50 (12.7) .472 (11.9) .138 (3.51) 1.05 (26.7) .016 (0.41) TYP. .024 (0.61) TYP. .368 (9.35) .355 (9.02) .035 (.889) TYP. DIA. NO. 65 DRILL .157 (3.99) TYP. .059 (1.50) .090 (2.29) .165 (4.19) .344 (8.74) .059 (1.50) TYP. DIA. NO. 53 DRILL .830 (21.06) .079 (2.01) TYP. 1 3 4 2 1 3 4 2 1 3 4 2 .518 (13.2) .168 (4.27) .115 (2.92) .110 (2.79) .472 (12.0) .410 (10.4) .138 (3.51) .270 (6.83) 1.05 (26.7) .024 (0.61) TYP. .016 (0.41) TYP. .157 (3.99) .368 (9.35) 1 3 4 2 1 3 4 2 1 3 4 2 3P4T 1 3 2 .250 (6.35) .140 (3.56) .016 (0.41) TYP. .024 (0.61) TYP. .368 (9.35) .355 (9.02) .035 (.889) TYP. DIA. NO. 65 DRILL .157 (3.99) TYP. .059 (1.50) .090 (2.29) .165 (4.19) .344 (8.74) .059 (1.50) TYP. DIA. NO. 53 DRILL .830 (21.06) .079 (2.01) TYP. .115 (2.92) .110 (2.79) .420 (10.7) .472 (11.9) .138 (3.51) 1.05 (26.7) 3P3T 1 3 2 1 2 1 3 2 .439 (11.5) .170 (4.32) .115 (2.92) .110 (2.79) .472 (12.0) .410 (10.4) .138 (3.51) .273 (6.93) 1.05 (26.67) .024 (0.61) TYP. .016 (0.41) TYP. .158 (4.01) .370 (9.40) .035 (.889) TYP. DIA. NO. 65 DRILL .157 (3.99) TYP. .059 (1.50) .090 (2.29) .165 (4.19) .344 (8.74) .059 (1.50) TYP. DIA. NO. 53 DRILL .830 (21.1) .079 (2.01) TYP. MSSA3450 MSSA3350R MSSA3350 MSSA3450R 1 3 2 1 3 2 1 3 2 .035 (0.89) TYP. DIA. NO. 53 DRILL .157 (3.99) TYP. .059 (1.50) .090 (2.29) .165 (4.19) .344 (8.74) .059 (1.50) DIA. TYP. NO. 53 DRILL .830 (21.06) .079 (2.01) TYP. .035 (0.89) TYP. DIA. NO. 53 DRILL .157 (3.99) TYP. .059 (1.50) .090 (2.29) .165 (4.19) .344 (8.74) .059 (1.50) DIA. TYP. NO. 53 DRILL .830 (21.06) .079 (2.01) TYP. 1 3 2 1 3 2 1 3 2 |