| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF04T Fiches technique(PDF) 305 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF04T Fiches technique(HTML) 305 Page - Tyco Electronics |
|
305 / 326 page ![]() 4-1437572-7 TPD11CGPC0 D11 4-1437572-8 TPD11CGPC2 D11 4-1437573-2 TSPD11CGRA6 D3 4-1437576-0 MHS233KG B33 4-1437576-1 MHS233RA B34 4-1437577-1 SLS230PC B40 4-1437577-3 SLS240PCA B40 4-1437577-5 SLS250PC B40 4-1437577-7 SLS260PC B40 4-1437580-0 MSSA1450RG B26 4-1437580-2 MSSA201NGRA B32 4-1437580-4 MSSA204N B31 4-1437580-5 MSSA204N1 B31 4-1437580-6 MSSA204NRA B32 4-1437580-8 MSSA204P1 B31 4-1437580-9 MSSA211NG B30 4-1437584-0 DRM16RA A25 4-1437584-4 DRS10 A25 4-1437584-5 DRS10C A25 4-1437584-6 DRS10CRA A25 4-1437584-7 DRS10RA A25 4-1437584-8 DRS16 A25 4-1437584-9 DRS16CRA A25 4-1437586-2 ADF02 A8 4-1437586-4 ADF02S A8 4-1437586-5 ADF02SA A8 4-1437586-6 ADF02SAT A8 4-1437586-8 ADF02ST A8 4-1437586-9 ADF02STTR A8 4-1437587-7 ADPA02 A9 4-1437587-8 ADPA04 A9 4-1437590-0 GDP08 A4 4-1437590-1 GDP08S A4 4-1437590-2 GDP08STR A4 4-1437590-3 GDP10 A4 4-1437590-4 GDP10S A4 4-1437590-5 GDP10STR A4 4-1437590-6 GDR02 A5 4-1437590-7 GDR02S A5 4-1437590-8 GDR04 A5 4-1437590-9 GDR04S A5 4-1437591-0 A103J2ZQ0 F15 4-1437591-1 A103J3ZQ0 F7 4-1437591-2 A103J51ZQ00 F7 4-1437591-3 A103J61ZQ00 F7 4-1437591-4 A105J16CQ00 F7 4-1437591-5 A105J16ZQ00 F7 4-1437591-6 A105J1AQ0 F14 4-1437591-7 A105J1AV2Q0 F7,F13 4-1437591-8 A105J1CQ0 F13 4-1437591-9 A105J1V3B0 F7 4-1437595-0 TRD11D10QCL5 F3 4-1437595-1 TRD11D10WL F6 4-1437595-2 TRD11D10WLLR5 F6 4-1437595-4 TRD11D12WL F3 4-1437595-7 TRD11E10WL F6 4-1437595-8 TRD11E10WLLR25 F6 4-1437595-9 TRD11F10QC F3 4-1437597-0 SWK12F315 H5 4-1437597-2 SWK12KF315 H5 4-1437597-3 SWK1323AL101 H2 4-1437603-0 DPS9131ALD J11 4-1437603-1 DPS9137AK J11 4-1437603-3 DPS9301AK J11 4-1437603-4 DPS9307AK J11 4-1437603-5 DPS9L J11 4-1437614-0 RM0652 I4 4-1437614-1 RM1222 I6 4-1437614-2 RM1224 I6 4-1437614-3 RM1225 I6 4-1437614-4 RM1226 I6 4-1437614-5 RM1229 I6 4-1437614-6 RM1302 I6 4-1437614-7 RM1304 I6 4-1437614-8 RM1305 I6 4-1437614-9 RM1452 I6 4-1437621-0 KB700A1/4 K5 4-1437621-2 KB700B1/4 K5 4-1437621-4 KB900A1/4 K5 4-1437621-5 KB900B1/4 K5 4-1437621-7 KBS500A1/4 K5 4-1437621-8 KBS500A1/8 K5 4-1437621-9 KBS500A101/8 K5 4-1437622-0 KN1755BAS1/4 K9 4-1437622-1 KN1755BS1/4 K9 4-1437622-2 KN500A1/4 K9 4-1437622-3 KN500A1/8 K9 4-1437622-4 KN500AB1/4 K9 4-1437622-5 KN500AB1/8 K9 4-1437622-6 KN500B1/4 K9 4-1437622-7 KN500B1/8 K9 4-1437622-8 KN500BA1/4 K9 4-1437622-9 KN500BA1/8 K9 4-1437624-0 PKDT70B101/4 K15 4-1437624-3 PKE60B1/4 K15 4-1437624-4 PKE60B1/8 K15 4-1437624-5 PKE90B1/4 K15 4-1437624-6 PKES120B1/4 K15 4-1437624-7 PKES140B1/4 K15 4-1437624-8 PKES150B1/4 K15 4-1437627-1 C220 D32 4-1437627-2 C222 D32 4-1437627-3 C223 D32 4-1437627-4 C224 D32 4-1437627-5 C225 D32 4-1437627-6 C226 D32 4-1437627-7 C229 D32 4-1437627-8 C230 D32 4-1437627-9 C232 D32 435005-1 -G6 435097-1 - G7 435097-2 - G7 435123-1 - G6 435128-1 - G6 435166-1 - A15 435166-2 - A15 435166-4 - A15 435166-5 - A15 435166-6 - A15 435166-7 - A15 435174-1 - G6 435469-3 - A14 435469-7 - A14 435469-9 - A14 435470-1 - A13 435470-2 - A13 435470-3 - A13 435470-5 - A13 435470-7 - A13 435470-9 - A13 435626-1 - A15 435626-2 - A15 435626-5 - A15 435640-1 - A17 435640-2 - A17 435640-3 - A17 435640-4 - A17 435640-5 - A17 435640-6 - A17 435640-7 - A17 435668-1 - A17 435668-3 - A17 435668-4 - A17 435668-5 - A17 435668-7 - A17 435668-9 - A17 435704-4 - A20 435704-6 - A20 435704-7 - A20 435704-8 - A20 435704-9 - A20 435802-1 - A12 435802-2 - A12 435802-3 - A12 435802-4 - A12 435802-5 - A12 435802-6 - A12 435802-7 - A12 435802-8 - A12 435802-9 - A12 435862-1 - A20 435984-1 - G10 435984-7 - G10 435986-1 - G10 435987-1 - G10 436022-1 - G10 436024-1 - G10 436028-1 - G10 436037-1 - G10 436287-1 - G11 436860-7 - A20 4-435166-9 - A15 4-435626-0 - A15 4-435626-1 - A15 4-435626-2 - A15 4-435626-4 - A15 4-435640-0 - A17 4-435640-1 - A17 4-435640-3 - A17 5-1437554-0 A101SYZQ C22,C27 5-1437554-1 A101SYZQN C22 5-1437554-2 A101SYZQUL C22 5-1437554-3 A101T1ZB C22 5-1437554-4 A101T1ZQ C22,C34 5-1437554-5 A101TCQ C22 5-1437554-6 A101TZQ C22,C33 5-1437554-7 A103J1AV2Q0 F7 5-1437554-8 A103KZQ C22,C31 5-1437554-9 A103MD9AB C22,C32 5-1437555-0 A201T1ZQ C22,C34 5-1437555-1 A201TCWZQ C22 5-1437555-2 A201TZQ C22,C33 5-1437555-3 A203KZQ C22,C31 5-1437555-4 A203MD9AB C22,C32 5-1437555-5 A203P3YAV2Q C22 5-1437555-6 A203P3YZQ C22,C33 5-1437555-7 A203SD9AV2B C22 5-1437555-8 A203SD9AV2Q C22,C31 5-1437555-9 A203SDZQ C22,C29 5-1437556-0 AE107MD1AV2B C35 5-1437556-1 AE107SD1AB C35 5-1437556-2 AE107SD1AG C35 5-1437556-3 AE107SD1CB C39 5-1437556-4 AE107SD1V30B C35 Tyco Electronics Alcoswitch Page Part Part Number Number Number Tyco Electronics Alcoswitch Page Part Part Number Number Number Tyco Electronics Alcoswitch Page Part Part Number Number Number Index/Matrixes M20 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 M |