| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE05SA Fiches technique(PDF) 97 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE05SA Fiches technique(HTML) 97 Page - Tyco Electronics |
|
97 / 326 page ![]() C21 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C ATE Series Toggle Switches, Process Sealed, Right Angle, Retention Feature ® SPDT/DPDT SPDT/DPD ATE1DGRA7 Horizontal Actuation ATE2DGRA1 Horizontal Actuation Extra compact double pole saves PCB real estate. Extra compact double pole saves PCB real estate. ATE2DGRA7 Horizontal Actuation SEE PAGE C19 FOR PRODUCT SPECIFICATIONS .374 (9.50) .059 (1.49) .130 (3.30) .024 (0.61) TYP. .100 (2.54) TYP. .220 (5.58) .200 (5.08) .197 (5.00) .157 (3.98) DIA. EPOXY SEAL .394 (10.00) .157 (3.98) .106 (2.69) .200 (5.08) .016 (0.40) TYP. .027 (0.68) .157 (3.98) .315 (8.00) P.C. HOLE LAYOUT SINGLE POLE .032 (0.81) DIA. TYP. .100 (2.54) TYP. .071 (1.80) TYP. .028 (0.71) TYP. DIA. 1 23 .130 (3.30) .024 (0.61) TYP. .100 (2.54) TYP. .220 (5.58) .200 (5.08) EPOXY SEAL .100 (2.54) .200 (5.08) .016 (0.40) .012 (0.30) .157 (3.98) .315 (8.00) P.C. HOLE LAYOUT DOUBLE POLE .032 (0.81) DIA. TYP. .100 (2.54) .100 (2.54) TYP. .374 (9.50) .059 (1.49) .197 (5.00) .157 (3.98) DIA. .071 (1.80) TYP. .028 (0.71) TYP. .394 (10.00) .157 (3.98) .106 (2.69) DIA. 45 6 ATE1DGRA1 Horizontal Actuation .374 (9.50) .130 (3.30) .024 (0.61) TYP. .100 (2.54) TYP. .220 (5.58) .200 (5.08) .197 (5.00) .157 (3.98) DIA. EPOXY SEAL .236 (5.99) .200 (5.08) .016 (0.40) TYP. .027 (0.68) .098 (2.48) .157 (3.98) .315 (8.00) P.C. HOLE LAYOUT SINGLE POLE .032 (0.81) DIA. TYP. .100 (2.54) TYP. DIA. .071 (1.80) TYP. .028 (0.71) TYP. 1 23 .374 (9.50) .130 (3.30) .024 (0.61) TYP. .100 (2.54) TYP. .220 (5.58) .200 (5.08) .197 (5.00) .157 (3.98) DIA. EPOXY SEAL .236 (5.99) .100 (2.54) .200 (5.08) .016 (0.40) .012 (0.30) .098 (2.48) .157 (3.98) .315 (8.00) P.C. HOLE LAYOUT DOUBLE POLE .032 (0.81) DIA. TYP. .100 (2.54) .100 (2.54) TYP. DIA. .071 (1.80) TYP. .028 (0.71) TYP. 4 56 Tyco Alcoswitch Type Contact Type Electronics 1-1437557-7 ATE2DGRA1 DPDT On None On Gold 3-1437592-7 ATE2EGRA1 DPDT On Off On Gold ATE2GGRA1 DPDT (On) Off (On) Gold Terminals Connected: 2-3 2-1 5-6 5-4 (On) indicates momentary position. Tyco Alcoswitch Type Contact Type Electronics 1437557-4 ATE1DGRA1 SPDT On None On Gold 1437557-8 ATE1EGRA1 SPDT On Off On Gold 1-1437557-0 ATE1FGRA1 SPDT On None (On) Gold 1-1437557-4 ATE1GGRA1 SPDT (On) Off (On) Gold Terminals Connected: 2-3 2-1 (On) indicates momentary position. Tyco Alcoswitch Type Contact Type Electronics 1-1437557-8 ATE2DGRA7 DPDT On None On Gold Terminals Connected: 2-3 2-1 5-6 5-4 (On) indicates momentary position. Tyco Alcoswitch Type Contact Type Electronics 1437557-5 ATE1DGRA7 SPDT On None On Gold 1437557-9 ATE1EGRA7 SPDT On Off On Gold 1-1437557-1 ATE1FGRA7 SPDT On None (On) Gold Terminals Connected: 2-3 2-1 (On) indicates momentary position. |