| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE05SA Fiches technique(PDF) 65 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE05SA Fiches technique(HTML) 65 Page - Tyco Electronics |
|
65 / 326 page ![]() .079 (2.00) TYP. .157 (4.00) .098 (2.50) .028 (0.70) DIA. TYP. .079 (2.00) TYP. .020 (0.50) TYP. .945 (24.0) .236 (6.00) .079 (2.00) .118 (3.00) .217 (5.51) .118 (3.00) .276 (7.00) .177 (4.50) 0.14 (0.35) .098 (2.50) .098 (2.50) .945 (24.00) .079 (2.00) .079 (2.00) TYP. .020 (0.50) TYP. .098 (2.50) .217 (5.51) .079 (2.00) .080 (2.00) .276 (7.00) .014 (0.35) TYP. .079 (2.00) TYP. .157 (4.00) .098 (2.50) .028 (0.70) DIA. TYP. .098 (2.50) .547 (13.9) .079 (2.00) TYP. .098 (2.50) .118 (2.99) .157 (3.99) 0.26 (6.60) .638 (16.2) 0.12 (3.00) 0.09 (2.30) .079 (2.00) TYP. .020 (0.50) TYP. .236 (6.00) .014 (0.35) .228 (5.80) .098 (2.50) .028 (0.70) TYP. DIA. .050 (1.27) DIA. .630 (16.00) .079 (2.00) .079 (2.00) TYP. .020 (0.50) TYP. .079 (2.00) .098 (2.50) .217 (5.51) .028 (0.70) DIA. TYP. .098 (2.50) .079 (2.00) TYP. .098 (2.50) .014 (0.35) TYP. .276 (7.00) .080 (2.03) B37 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 B MMS Series Slide Switches, Micro Size, Instrumentation Grade SEE PAGE B36 FOR PRODUCT SPECIFICATIONS 4PDT MMS42 MMS43R 4P3T MMS43 4P3T MMS42R 4PDT Part Number Tyco Electronics Alcoswitch Type Plating Mounting Style 1-1437575-0 MMS42 4PDT Silver Upright Part Number Tyco Electronics Alcoswitch Type Plating Mounting Style 1-1437575-1 MMS42R 4PDT Silver Right Angle Part Number Tyco Electronics Alcoswitch Type Plating Mounting Style 1-1437575-2 MMS43 4P3T Silver Upright Part Number Tyco Electronics Alcoswitch Type Plating Mounting Style 1-1437575-3 MMS43R 4P3T Silver Right Angle Circuit Diagram 1 1 1 1 2 1 2 2 1 1 2 2 2 3 3 3 2 1 1 2 3 3 2 Circuit Diagram 1 1 1 1 2 1 2 2 1 1 2 2 2 3 3 3 2 1 1 2 3 3 2 1 1 2 3 3 2 1 1 2 3 3 2 1 1 2 3 3 2 1 1 2 3 3 2 1 1 2 3 3 2 1 1 2 3 3 2 1 1 2 3 3 2 1 1 2 3 3 2 Circuit Diagram 1 1 1 1 2 1 2 2 1 1 2 2 2 3 3 3 2 1 1 2 3 3 2 Circuit Diagram 1 1 1 1 2 1 2 2 1 1 2 2 2 3 3 3 2 1 1 2 3 3 2 |