Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE04S Fiches technique(PDF) 47 Page - Tyco Electronics

No de pièce ADE04S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE04S Fiches technique(HTML) 47 Page - Tyco Electronics

Back Button ADE04S Datasheet HTML 43Page - Tyco Electronics ADE04S Datasheet HTML 44Page - Tyco Electronics ADE04S Datasheet HTML 45Page - Tyco Electronics ADE04S Datasheet HTML 46Page - Tyco Electronics ADE04S Datasheet HTML 47Page - Tyco Electronics ADE04S Datasheet HTML 48Page - Tyco Electronics ADE04S Datasheet HTML 49Page - Tyco Electronics ADE04S Datasheet HTML 50Page - Tyco Electronics ADE04S Datasheet HTML 51Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 326 page
background image
TSD21DDG1RA TSD21DDGRA
TSS Series
B19
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
Slide Switches, Right Angle, Single or Dual Actuator
SEE PAGE B18 FOR PRODUCT SPECIFICATIONS
.400
(10.20)
.220
(5.59)
.105
(2.67)
.110
(2.79)
12 3
.030
(.762)
.320
(8.13)
.030
(.762)
TYP.
.175
(4.45)
.226
(5.74)
.130
(3.30)
.380
(9.65)
.100
(2.54)
SQ.
.206
(5.23)
.020
(.508)
TYP.
.043
(1.09)
TYP. DIA.
.100
(2.54)
TYP.
.200
(5.08)
.030
(.762)
.030
(.762)
TYP.
.175
(4.45)
.226
(5.74)
.130
(3.30)
.380
(9.65)
SPDT
SPDT (DUAL)
.400
(10.2)
.220
(5.59)
.105
(2.67)
.110
(2.79)
45 6
1 23
.130
(3.30)
.320
(8.13)
.030
(.762)
TYP.
.175
(4.45)
.383
(9.73)
.130
(3.30)
.380
(9.65)
.100
(2.54)
SQ.
.100
(2.54)
SQ.
.360
(9.14)
.160
(4.06)
.020
(.508)
TYP.
.043
(1.09)
TYP. DIA.
.100
(2.54)
TYP.
.100
(2.54)
.200
(5.08)
.130
(3.30)
.030
(.762)
TYP.
.175
(4.45)
.383
(9.73)
.380
(9.65)
.400
(10.20)
.220
(5.59)
.105
(2.67)
.110
(2.79)
.130
(3.30)
.030
(.762)
TYP.
.175
(4.45)
.383
(9.73)
.130
(3.30)
.380
(9.65)
.100
(2.54)
SQ.
.360
(9.14)
.043
(1.09)
TYP. DIA.
.100
(2.54)
TYP.
.100
(2.54)
.200
(5.08)
45 6
12 3
.320
(8.13)
.020
(.508)
TYP.
.130
(3.30)
.030
(.762)
TYP.
.175
(4.45)
.383
(9.73)
.130
(3.30)
.380
(9.65)
DPDT
TSS21NGRA
TSS21PG1RA
4PDT
.110
(2.79)
.234
(5.94)
.256
(6.50)
4 5 6 10 11 12
12 3 7 8 9
.130
(3.30)
.360
(9.14)
.030
(.762)
TYP.
.383
(9.73)
.620
(15.8)
.130
(3.30)
.320
(8.13)
.235
(5.97)
.020
(.508)
TYP.
.100
(2.54)
.100
(2.54)
TYP.
.200
(5.08)
.100
(2.54)
TYP.
.043
(1.09)
TYP. DIA.
TSS41NGRA
TSS11DG1RA
Extended Actuator
Act. Code
Flush Actuator
Act. Code
Tyco Electronics
Alcoswitch
Type
P. M6
Tyco Electronics
Alcoswitch
Type
P. M6
1-1437579-1
TSS11DGRA
SPDT
D
On
None
On
1437579-9
TSS11DG1RA
SPDT
D
On
None
On
1-1437579-5
TSS11EGRA
SPDT
E
On
Off
On
1-1437579-3
TSS11EG1RA
SPDT
E
On
Off
On
Extended Actuator
Act. Code
Flush Actuator
Act. Code
Tyco Electronics Alcoswitch
Type
P. M6
Tyco Electronics
Alcoswitch
Type
P. M6
1437579-6
TSD21DDGRA
2 x SPDT
D
On
None
On
1437579-4
TSD21DDG1RA
2 x SPDT
D
On
None
On
1437579-7
TSD21EEGRA
2 x SPDT
E
On
Off
On
—
TSD21EEG1RA
2 x SPDT
E
On
Off
On
Extended Actuator
Act. Code
Flush Actuator
Act. Code
Tyco Electronics Alcoswitch
Type
P. M6
Tyco Electronics
Alcoswitch
Type
P. M6
—
TSS21PAGRA
SP3T
PA
On
On
On
—
TSS21NG1RA
DPDT
N
On
None
On
2-1437579-0
TSS21NGRA
DPDT
N
On
None
On
—
TSS21PG1RA
DPDT
P
On
Off
On
2-1437579-4
TSS21PGRA
DPDT
P
On
Off
On
Extended Actuator
Act. Code
Tyco Electronics Alcoswitch
Type
P. M6
2-1437579-7
TSS41NGRA
4PDT
N
On
None
On
TSS11DGRA