Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE04S Fiches technique(PDF) 14 Page - Tyco Electronics

No de pièce ADE04S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE04S Fiches technique(HTML) 14 Page - Tyco Electronics

Back Button ADE04S Datasheet HTML 10Page - Tyco Electronics ADE04S Datasheet HTML 11Page - Tyco Electronics ADE04S Datasheet HTML 12Page - Tyco Electronics ADE04S Datasheet HTML 13Page - Tyco Electronics ADE04S Datasheet HTML 14Page - Tyco Electronics ADE04S Datasheet HTML 15Page - Tyco Electronics ADE04S Datasheet HTML 16Page - Tyco Electronics ADE04S Datasheet HTML 17Page - Tyco Electronics ADE04S Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 326 page
background image
A14
A
7000 Series
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
DIP Switches, Extended Actuator, Multiple Pole, Single Throw
Recommended PC Board Hole Pattern
Multiple Double Pole
Single Throw
Contact Lead Spacing —
.100 x .300 [2.54 x 7.62]
Lead Length — .140 [3.56]
below mounting surface
Contact Arrangement
Note: Switches shown in open position.
No. of
Dim. A
DPST Part No.
Switches
inch
mm
Low Profile
Extended Lever
Actuator
Actuator
1
.280
7.11
435469-9
2-435469-1
2
.480
12.19
—
2-435469-2
4
.880
22.35
435469-3
2-435469-4
5
1.080
27.43
—
2-435469-5
6
1.280
32.51
—
2-435469-6
Extended Lever Actuator Shown
Extended Lever Actuator Shown
No. of
Dim. A
4PST Part No.
Switches
inch
mm
Low Profile
Extended Lever
Actuator
Actuator
1
.480
12.19
435469-7
3-435469-1
4-Pole
Single Throw
Contact Lead Spacing —
.100 x .300 [2.54 x 7.62]
Lead Length — .140 [3.56]
below mounting surface
Contact Arrangement
Note: Switches shown in open position.
Pin 1
Pin 1
.100
[2.54
]
± .005
± 0.13
.300
[7.62
]
± .005
± 0.13
Typ.
.035
[0.89
]
± .005
± 0.13
Dia. Typ.
.360
[9.14]
.460
[11.68]
.360
[9.14]
.460
[11.68]
A
.380
[9.65]
White Dot Identifies Pin 1
.290
[7.37]
.380
[9.65]
.290
[7.37]
A
White Dot Identifies Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More