Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE02S Fiches technique(PDF) 13 Page - Tyco Electronics

No de pièce ADE02S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE02S Fiches technique(HTML) 13 Page - Tyco Electronics

Back Button ADE02S Datasheet HTML 9Page - Tyco Electronics ADE02S Datasheet HTML 10Page - Tyco Electronics ADE02S Datasheet HTML 11Page - Tyco Electronics ADE02S Datasheet HTML 12Page - Tyco Electronics ADE02S Datasheet HTML 13Page - Tyco Electronics ADE02S Datasheet HTML 14Page - Tyco Electronics ADE02S Datasheet HTML 15Page - Tyco Electronics ADE02S Datasheet HTML 16Page - Tyco Electronics ADE02S Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 326 page
background image
A13
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
A
7000 Series
DIP Switches, Extended Actuator, Single or Double Pole, Double Throw
Multiple Single Pole
Double Throw
Contact Lead Spacing —
.100 x .300 [2.54 x 7.62]
Lead Length — .140 [3.56]
below mounting surface
Contact Arrangement
Double Pole
Double Throw
Contact Lead Spacing —
.100 x .300 [2.54 x 7.62]
Lead Length — .140 [3.56]
below mounting surface
Contact Arrangement
Note: Switch positions are closed when rockers
are down toward white dots. Switches have
make-before-break circuit design.
No. of
Dim. A
DPDT Part No.
Switches
inch
mm
Low Profile
Extended Lever
Actuator
Actuator
1
.480
12.19
435470-5
3-435470-1
2
.880
22.35
435470-9
—
No. of
Dim. A
SPDT Part No.
Switches
inch
mm
Low Profile
Extended Lever
Actuator
Actuator
1
.280
7.11
435470-7
2-435470-1
2
.480
12.19
435470-1
2-435470-2
3
.680
17.27
435470-2
—
4
.880
22.35
435470-3
2-435470-4
5
1.080
27.43
—
2-435470-5
6
1.280
32.51
—
2-435470-6
Recommended PC Board Hole Pattern
Low Profile Lever Actuator Shown
Extended Lever Actuator Shown
Note: Switch positions are closed when rockers
are down toward white dots. Switches have
make-before-break circuit design.
Pin 1
Pin 1
.100 ± .005
.300
[7.62
]
± .005
± 0.13
[2.54
]
± 0.13
.035 ± .005
[0.89
]
± 0.13
Typ.
Dia. Typ.
.360
[9.14]
.460
[11.68]
A
.380
[9.65]
.380
[9.65]
A
White Dot Identifies Pin 1
.380
[9.65]
.290
[7.37]
.19±.01
(4.83±.25)
.14±.02
(3.56±.508)
.315±.010
(8.00±.25)
Mounting
Surface
Acuator
.012
Typ.
(3.05)
.29±.02
Typ.
(7.36±.508)
.02
(1.27)
Standoff,
4 Places
+.01
-.00
+.254
-.000
.36±.02
Typ.
(9.14±.508)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More