| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE02S Fiches technique(PDF) 82 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE02S Fiches technique(HTML) 82 Page - Tyco Electronics |
|
82 / 326 page ![]() C6 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 TST Series Toggle Switches, Tiny, Sealed, Through Hole and Surface Mount .100 (2.54) TYP. .020 (0.51) TYP. .320 (8.13) .110 (2.80) TYP. .018 (0.46) .156 (3.96) .206 (5.23) .120 (3.05) .100 (2.54) DIA. .076 (1.94) .030 (0.76) .300 (7.62) .094 (2.39) .240 (6.10) .080 (2.03) .155 (3.94) .060 (1.52) .155 (3.94) TYP. .035 (0.89) .362 (9.19) .045 (1.14) CENTER TERMINAL ONLY .195 (5.00) .065 (1.65) REF. TYP. .100 (2.54) TYP. .035 (0.89) TYP. .014 (0.36) TYP. .100 (2.54) DIA. .206 (5.23) .241 (6.12) .205 (5.21) MIN. .100 (2.54) TYP. .400 (10.16) .020 (0.51) TYP. .156 (3.96) .396 (10.06) .195 (5.00) SRA SURFACE MOUNT RIGHT ANGLE “L” BEND TST11DGSRAB1D SURFACE MOUNT TST11DGSRA1D SRAB SURFACE MOUNT RIGHT ANGLE BUTT SPC .100 (2.54) .100 (2.54) DIA. .206 (5.23) .206 (5.23) .156 (3.96) .156 (3.96) .195 (5.00) .018 (0.46) .076 (1.94) .090 (2.29) .094 (2.39) .035 (0.89) .300 (7.62) .045 (1.14) .370 (9.40) .320 (8.13) .120 (3.05) .020 (0.51) TYP. .100 (2.54) TYP. .240 (6.10) PC PC MOUNT .195 (5.00) .030 (0.76) .206 (5.23) .180 (4.57) DIA. .189 (4.80) DIA. .100 (2.54) DIA. .100 (2.54) DIA. .100 (2.54) DIA. .043 (1.09) DIA. TYP. .320 (8.13) .020 (0.51) TYP. .170 (4.32) .040 (1.00) .360 (9.14) .125 (3.18) 3 2 1 TST11DGPC1D TST11DGSPC1D |