Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADISUSBZ Fiches technique(PDF) 15 Page - Analog Devices

No de pièce ADISUSBZ
Description  iSensor PC-USB Evaluation System
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADISUSBZ Fiches technique(HTML) 15 Page - Analog Devices

Back Button ADISUSBZ Datasheet HTML 7Page - Analog Devices ADISUSBZ Datasheet HTML 8Page - Analog Devices ADISUSBZ Datasheet HTML 9Page - Analog Devices ADISUSBZ Datasheet HTML 10Page - Analog Devices ADISUSBZ Datasheet HTML 11Page - Analog Devices ADISUSBZ Datasheet HTML 12Page - Analog Devices ADISUSBZ Datasheet HTML 13Page - Analog Devices ADISUSBZ Datasheet HTML 14Page - Analog Devices ADISUSBZ Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Preliminary Technical Data
ADISEVAL/USBZ
Rev. PrA | Page 15 of 15
EB07693-0-7/08(PrA)
4
3
2
1
Figure 21. ADIS1635x Evaluation Software
FIGURE FLAG NOTES:
1.
Perform a single read of the ADIS1635x’s output data. Also select “Loop” checkbox for continuous data scroll across the screen.
Use the Loop delay box to add delay between each sample displayed to the screen.
2.
Select individual sensor outputs for display.
3.
Use Configuration menu to access sample rate, filtering, calibration, I/O control and all other internal configuration controls for
the ADIS1635x products.
4.
Use Device option to select which part to evaluate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15