Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADISUSBZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce ADISUSBZ
Description  iSensor PC-USB Evaluation System
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADISUSBZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button ADISUSBZ Datasheet HTML 6Page - Analog Devices ADISUSBZ Datasheet HTML 7Page - Analog Devices ADISUSBZ Datasheet HTML 8Page - Analog Devices ADISUSBZ Datasheet HTML 9Page - Analog Devices ADISUSBZ Datasheet HTML 10Page - Analog Devices ADISUSBZ Datasheet HTML 11Page - Analog Devices ADISUSBZ Datasheet HTML 12Page - Analog Devices ADISUSBZ Datasheet HTML 13Page - Analog Devices ADISUSBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ADISUSBZ
Preliminary Technical Data
Rev. PrA | Page 10 of 15
1
2
3
5
4
FIGURE FLAG NOTES:
1.
Set the Device type to ADIS16080 or ADIS16100. Set the Interface to parallel and set the port address per ReadMeFirst.PDF
2.
Set the output channel being tested. Test function exercises a self-test during a single sweep on the screen.
3.
Plot and log data to files.
4.
Set up data logging parameters.
5.
Right click over Y-Axis to adjust scale and offset of the plot.
Figure 16. ADIS16080 and ADIS16100 Evaluation Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15