| Moteur de recherche de fiches techniques de composants électroniques |
|
PCIF0 Fiches technique(PDF) 117 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PCIF0 Fiches technique(HTML) 117 Page - ATMEL Corporation |
|
117 / 294 page ![]() 117 9219A–RFID–01/11 Atmel ATA5505 [Preliminary] The following code examples show how to do an atomic read of the TCNT1 Register contents. Reading any of the OCR1A/B or ICR1 Registers can be done by using the same principle. Note: 1. The example code assumes that the part specific header file is included. The assembly code example returns the TCNT1 value in the r17:r16 register pair. Assembly Code Example (1) TIM16_ReadTCNT1: ; Save global interrupt flag in r18,SREG ; Disable interrupts cli ; Read TCNT1 into r17:r16 lds r16,TCNT1L lds r17,TCNT1H ; Restore global interrupt flag out SREG,r18 ret C Code Example (1) unsigned int TIM16_ReadTCNT1(void) { unsigned char sreg; unsigned int i; /* Save global interrupt flag */ sreg = SREG; /* Disable interrupts */ _CLI(); /* Read TCNT1 into i */ i = TCNT1; /* Restore global interrupt flag */ SREG = sreg; return i; } |