Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCIF0 Fiches technique(PDF) 45 Page - ATMEL Corporation

No de pièce PCIF0
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF0 Fiches technique(HTML) 45 Page - ATMEL Corporation

Back Button PCIF0 Datasheet HTML 41Page - ATMEL Corporation PCIF0 Datasheet HTML 42Page - ATMEL Corporation PCIF0 Datasheet HTML 43Page - ATMEL Corporation PCIF0 Datasheet HTML 44Page - ATMEL Corporation PCIF0 Datasheet HTML 45Page - ATMEL Corporation PCIF0 Datasheet HTML 46Page - ATMEL Corporation PCIF0 Datasheet HTML 47Page - ATMEL Corporation PCIF0 Datasheet HTML 48Page - ATMEL Corporation PCIF0 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 294 page
background image
45
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
• Bits 5:4 – CSUT1:0: Clock Start-up Time
CSUT bits are initialized with the values of SUT Fuse bits.
In case of ‘Enable/Disable Clock Source’ command, CSUT field provides the code of the clock
start-up time. Refer to subdivisions of Section 4.2 “Clock Sources” on page 29 for code of
clock start-up times.
In case of ‘Recover System Clock Source’ command, CSUT field is not affected (no recover-
ing of SUT code).
• Bits 3:0 – CSEL3:0: Clock Source Select
CSEL bits are initialized with the values of CKSEL Fuse bits.
In case of ‘Enable/Disable Clock Source’, ‘Request for Clock Availability’ or ‘Clock Source
Switch’ command, CSEL field provides the code of the clock source. Refer to Table 4-1 on
page 29 and subdivisions of Section 4.2 “Clock Sources” on page 29 for clock source codes.
In case of ‘Recover System Clock Source’ command, CSEL field contains the code of the
clock source used to drive the Clock Control Unit as described in Figure 4-1 on page 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More