| Moteur de recherche de fiches techniques de composants électroniques |
|
PCIF0 Fiches technique(PDF) 114 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PCIF0 Fiches technique(HTML) 114 Page - ATMEL Corporation |
|
114 / 294 page ![]() 114 9219A–RFID–01/11 Atmel ATA5505 [Preliminary] Figure 12-1. 16-bit Timer/Counter1 Block Diagram(1) Note: 1. Refer to Figure 1-1 on page 4, Table 9-6 on page 84, and Table 9-3 on page 79 for Timer/Counter1 pin placement and description. 12.2.1 Registers The Timer/Counter (TCNT1), Output Compare Registers (OCR1A/B), and Input Capture Reg- ister (ICR1) are all 16-bit registers. Special procedures must be followed when accessing the 16-bit registers. These procedures are described in the section “Accessing 16-bit Registers” on page 115. The Timer/Counter Control Registers (TCCR1A/B) are 8-bit registers and have no CPU access restrictions. Interrupt requests (abbreviated to Int.Req. in the figure) signals are all visible in the Timer Interrupt Flag Register (TIFR1). All interrupts are individually masked with the Timer Interrupt Mask Register (TIMSK1). TIFR1 and TIMSK1 are not shown in the figure. ICFn (Int.Req.) TOVn (Int.Req.) Clock Select Timer/Counter OCRnA OCRnB ICRn = = TCNTn Waveform Generation Waveform Generation OCnAU OCnAV OCnAW OCnBU OCnBV OCnBW Noise Canceler = Fixed TOP Values Edge Detector Control Logic = 0 TOP BOTTOM Count Clear Direction OCFnA (Int.Req.) OCFnB (Int.Req.) TCCRnA TCCRnB TCCRnC ICPn ( From Analog Comparator Ouput ) Tn Edge Detector ( From Prescaler ) clk Tn OCnBX OCnAX |