Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24FC256TE/MS Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce 24FC256TE/MS
Description  256K I2C CMOS Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC256TE/MS Fiches technique(HTML) 11 Page - Microchip Technology

Back Button 24FC256TE/MS Datasheet HTML 7Page - Microchip Technology 24FC256TE/MS Datasheet HTML 8Page - Microchip Technology 24FC256TE/MS Datasheet HTML 9Page - Microchip Technology 24FC256TE/MS Datasheet HTML 10Page - Microchip Technology 24FC256TE/MS Datasheet HTML 11Page - Microchip Technology 24FC256TE/MS Datasheet HTML 12Page - Microchip Technology 24FC256TE/MS Datasheet HTML 13Page - Microchip Technology 24FC256TE/MS Datasheet HTML 14Page - Microchip Technology 24FC256TE/MS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
 2010 Microchip Technology Inc.
DS21203Q-page 11
24AA256/24LC256/24FC256
7.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (This feature can be used to maximize bus
throughput). Once the Stop condition for a Write
command has been issued from the master, the device
initiates the internally timed write cycle. ACK polling
can be initiated immediately. This involves the master
sending a Start condition, followed by the control byte
for a Write command (R/W = 0). If the device is still
busy with the write cycle, then no ACK will be returned.
If no ACK is returned, the Start bit and control byte must
be resent. If the cycle is complete, then the device will
return the ACK and the master can then proceed with
the next Read or Write command. See Figure 7-1 for
flow diagram.
FIGURE 7-1:
ACKNOWLEDGE
POLLING FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34