Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24FC256TE/MS Fiches technique(PDF) 27 Page - Microchip Technology

No de pièce 24FC256TE/MS
Description  256K I2C CMOS Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC256TE/MS Fiches technique(HTML) 27 Page - Microchip Technology

Back Button 24FC256TE/MS Datasheet HTML 23Page - Microchip Technology 24FC256TE/MS Datasheet HTML 24Page - Microchip Technology 24FC256TE/MS Datasheet HTML 25Page - Microchip Technology 24FC256TE/MS Datasheet HTML 26Page - Microchip Technology 24FC256TE/MS Datasheet HTML 27Page - Microchip Technology 24FC256TE/MS Datasheet HTML 28Page - Microchip Technology 24FC256TE/MS Datasheet HTML 29Page - Microchip Technology 24FC256TE/MS Datasheet HTML 30Page - Microchip Technology 24FC256TE/MS Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
 2010 Microchip Technology Inc.
DS21203Q-page 27
24AA256/24LC256/24FC256
APPENDIX A: REVISION HISTORY
Revision L
Corrections to Section 1.0, Electrical Characteristics.
Revision M
Added 1.8V 400 kHz option for 24FC256.
Revision N
Revised Sections 2.1 and 2.4. Removed 14-Lead
TSSOP Package.
Revision P
Revised Features; Changed 1.8V voltage to 1.7V;
Replaced Package Drawings; Revised markings (8-lead
SOIC); Revised Product ID System.
Revision Q (05/10)
Revised Table 1-1, Table 1-2, Section 6.1; Updated
Package Drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34