| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4361104E/ST Fiches technique(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4361104E/ST Fiches technique(HTML) 19 Page - Microchip Technology |
|
19 / 80 page ![]() © 2009 Microchip Technology Inc. DS22233A-page 19 MCP434X/436X Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-12: 5k Ω – Low-Voltage Decrement Wiper Settling Time (VDD = 2.7V) (1 µs/Div). FIGURE 2-13: 5k Ω – Low-Voltage Decrement Wiper Settling Time (VDD = 5.5V) (1 µs/Div). FIGURE 2-14: 5k Ω – Power-Up Wiper Response Time (20 ms/Div). FIGURE 2-15: 5k Ω – Low-Voltage Increment Wiper Settling Time (VDD = 2.7V) (1 µs/Div). FIGURE 2-16: 5k Ω – Low-Voltage Increment Wiper Settling Time (VDD = 5.5V) (1 µs/Div). |