| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4361104E/ST Fiches technique(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4361104E/ST Fiches technique(HTML) 26 Page - Microchip Technology |
|
26 / 80 page ![]() MCP434X/436X DS22233A-page 26 © 2009 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-47: VIH (SDI, SCK, CS, and RESET) vs. VDD and Temperature. FIGURE 2-48: VIL (SDI, SCK, CS, and RESET) vs. VDD and Temperature. FIGURE 2-49: IOH (SDO) vs. VDD and Temperature. FIGURE 2-50: IOL (SDO) vs. VDD and Temperature. 1 1.2 1.4 1.6 1.8 2 2.2 2.4 -40 0 40 80 120 Temperature (°C) 5.5V 2.7V 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 -40 0 40 80 120 Temperature (°C) 5.5V 2.7V -45 -40 -35 -30 -25 -20 -15 -10 -5 0 -40 0 40 80 120 Temperature (°C) 5.5V 2.7V 0 5 10 15 20 25 30 35 40 45 50 -40 0 40 80 120 Temperature (°C) 5.5V 2.7V |