Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS3102E18-3SW Fiches technique(PDF) 25 Page - Amphenol Corporation

No de pièce CS3102E18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3102E18-3SW Fiches technique(HTML) 25 Page - Amphenol Corporation

Back Button CS3102E18-3SW Datasheet HTML 21Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 22Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 23Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 24Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 25Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 26Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 27Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 28Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 29Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
24
Insert
Arrange
ment
Service
Rating
Total
Con-
tacts
Contact Size
4/0
2/0
0
4
8
12
16
Coax**
048 12
14S-A7
A
7
7
16-59
A
4
4
20-26
A
19
19
20-51
A
3
3
20-57
A
7
7*
20-58
A
10
5
5
20-59
A
3
3*
20-66
A
6
5*
1
20-79
A/D
8
1
7
22-63
A
12
4
8
22-65
A/D
8
8*
22-70
A
13
8
5
22-80
A
3
3*
24-19
A
12
12
24-51
A
5
5
24-52
Hi Volt.
1
1
24-53
A
5
5
24-58
A
13
3
3
7
24-59
A
14
7
7
24-60
A
7
7*
24-65
A
15
11
4
24-66
D
7
7
24-67
Inst.
19
19
24-71
A
7
7*
24-75
A
7
7*
24-79
A
5
5
24-80
Inst.
23
23
24-84
A
19
1
18
24-96
Inst.
28
28
24-AJ
A
25
25
28-51
A
12
12
28-59
A
17
7
10
28-66
A
16
2
14
28-72
Coax
3
3
28-74
A
16
7*
9
28-75
A
16
7*
9
28-79
A
16
7
9
28-82
D
6
2
4
28-84
A
9
9
28-AY
A
9
4
5
32-14
D
13
13
32-25
A
25
25
32-31
A
31
31
32-48
Inst.
48
48
32-52
D
8
2
6
32-53
Inst./E
42
5
37
32-56
A
30
6*
24
32-57
Coax
8
6
2
32-58
Coax
4
4
32-59
A
42
40
2
32-60
A
23
15
8
32-62
Coax
23
2
1
2
16
2
32-64
Inst.
54
54
32-68
A
16
12
4
32-73
A
46
46
32-75
Coax
9
2
7
32-76
A
19
19
32-79
D
5
4
1
32-82
A
16
4
12
MS/Standard
special insert arrangements
32-AF
A
55
55
36-22
D
22
22
36-51
D
4
2
2
36-54
A
39
8
31
36-55
A
39
8*
31
36-59
A
53
3*
50
36-60
A
47
7*
40
36-64
Coax
4
4
36-65
Coax
4
4
36-71
A
53
3
50
36-73
Coax
7
7
36-74
A
44
43
1
36-75
A
48
48*
36-76
A
47
47
36-77
D
7
7
36-78
A
14
12
2
36-79
A
20
20
36-80
A
20
20*
36-83
Coax
7
7
36-85
A/D
35
35*
36-97
C
1
1
36-99
D
12
33
33
36-AF
A
48
48
40-5
A
5
5
40-10
A
29
4
9
16
40-30
A
30
1
29
40-35
D
35
35
40-53
A
60
60
40-57
E
4
4
40-61
A
59
1
3
55
40-62
A
60
60
40-63
A
61
61*
40-64
Coax
36
3
20
13
40-66
Coax
4
4
40-67
A
11
1
10
40-68
A
21
21
40-70
A
61
61
40-72
A
11
1
10
40-73
A
61
61
40-74
A
6
1
4
1
40-75
E
5
4
1
40-80
A
11
10
1
40-81
A
62
62*
40-82
A
62
62
40-85
A
60
60*
40-86
E
4
4
40-87
D
7
7
40-AD
A
8
4
4
40-AG
A
38
38
40-AP
E
2
2
40-AR
Inst.
13
3
3
7
40-AS
A
40
25
15
40-AT
A
43
1
24
18
40-AU
A
14
3
10
1
40-AV
D
3
3
44-52
A
104
104
44-53
A
36
18
18
48-51
A
56
10
42
4
48-52
A
61
56
5
48-53
D
37
37
48-54
A
56
10
42
4
48-55
A
78
6
2
2
68
48-57
A
56
4
10
42
Insert
Arrange
ment
Service
Rating
Total
Con-
tacts
Contact Size
4/0
2/0
0
4
8
12
16
Coax**
048 12
* Crimp contacts accommodate wire the same size as the contact as well as wire of
the next smaller, even size. Arrangements identified with an asterisk (*) are excep-
tions. See insert arrangement drawings on pages 38-48 for application wire size.
** Coaxial cable data can be found on insert arrangement drawings, pages 38-48. For
further information on coaxial contacts and cable see catalog 12 130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73