Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS3102E18-3SW Fiches technique(PDF) 56 Page - Amphenol Corporation

No de pièce CS3102E18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3102E18-3SW Fiches technique(HTML) 56 Page - Amphenol Corporation

Back Button CS3102E18-3SW Datasheet HTML 52Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 53Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 54Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 55Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 56Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 57Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 58Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 59Page - Amphenol Corporation CS3102E18-3SW Datasheet HTML 60Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
55
C
B
V Thread
A
The MS3057-A style cable clamp was designed for use with jacketed cable or
wires protected by tubing. Both clamping halves float for maximum strain relief.
For unjacketed cable or wires, use corresponding MS3420 sleeve. To order
clamp with sleeve, add -1 to the 97 - number. Two telescoping sleeves are fur-
nished with shells sizes 24 and larger.
MS/Standard Accessories
MS3057-A style
cable clamp,
MS3420
sleeve
Shell
Size
Amphenol
Number
A
±.031
B
Max.
C
Dia.
Min.
V
Thread
10SL, 12S
97-3057-1004
.795
.842
.3125
.6250-24
14,14S
97-3057-1007
.850
.995
.4375
.7500-20
16,16S
97-3057-1008
.920
1.120
.5625
.8750-20
18
97-3057-1010
.920
1.216
.6250
1.0000-20
20, 22
97-3057-1012
.927
1.403
.7500
1.1875-18
24, 28
97-3057-1016
1.015
1.683
.9375
1.4375-18
32
97-3057-1020
1.095
2.050
1.2500
1.7500-18
36
97-3057-1024
1.156
2.245
1.3750
2.0000-18
Sleeve
MS
Part No.
Amphenol
Number
A
±.005
B
±.005
C
±.010
D
±.031
3420-3
9779-513-3
.130
.210
.374
2.875
3420-4
9779-513-4
.220
.302
.500
2.750
3420-6
9779-513-6
.312
.427
.614
2.625
3420-8
9779-513-8
.437
.552
.739
2.500
3420-10
9779-513-10
.562
.615
.889
2.375
3420-12
9779-513-12
.625
.740
1.084
2.250
3420-16
9779-513-16
.750
.927
1.309
2.125
3420-20
9779-513-20
.937
1.240
1.592
2.000
3420-24
9779-513-24
1.250
1.365
1.842
1.875
A
C
D
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73