Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS3102A18-3SW Fiches technique(PDF) 49 Page - Amphenol Corporation

No de pièce CS3102A18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3102A18-3SW Fiches technique(HTML) 49 Page - Amphenol Corporation

Back Button CS3102A18-3SW Datasheet HTML 45Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 46Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 47Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 48Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 49Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 50Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 51Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 52Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 53Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
48
front face of pin insert or rear face of socket insert illustrated
Special
contact arrangements
Insert Arrangement
48-54
48-55
Service Rating
A
A
Number of Contacts
42 10
4
68
2
2
6
Contact Size
16
8
0 (Coax) RG-59/U
16 12
8
4
Insert Arrangement
48-57
48-60
Service Rating
A
A
Number of Contacts
42
10
4
42 10
4
Contact Size
16
8
0
16
8
0 (Coax) RG-214/U
CONTACT LEGEND
16
12
8
4
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
A
B
C
D
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
A
B
C
D
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
A
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73